Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS20 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SL2ICS20
Description  SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS20 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SL2ICS20 Datasheet HTML 2Page - NXP Semiconductors SL2ICS20 Datasheet HTML 3Page - NXP Semiconductors SL2ICS20 Datasheet HTML 4Page - NXP Semiconductors SL2ICS20 Datasheet HTML 5Page - NXP Semiconductors SL2ICS20 Datasheet HTML 6Page - NXP Semiconductors SL2ICS20 Datasheet HTML 7Page - NXP Semiconductors SL2ICS20 Datasheet HTML 8Page - NXP Semiconductors SL2ICS20 Datasheet HTML 9Page - NXP Semiconductors SL2ICS20 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product Specification Rev.3.0 December 2002
Bumped Wafer Specification
SL2 ICS 20
6
7.3 ELECTRICAL CHARACTERISTICS
Tjop = - 25 to +85 °C
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
TYP
1
MAX
UNIT
Cres
Input Capacitance between LA - LB
2
VLA-LB = 2 Vrms
22.3
23.5
24.7
pF
Pmin
Minimum Operating Supply Power
3
280
µW
m
Modulation of RF Voltage for
Demodulator Response
m
V
- V
V
+ V
max
min
max
min
=
**
**
**
%
tP sm
Modulation Pulse Length
of RF Voltage
**
**
**
µs
tD
Demodulator Response Time
m
≥ 10 %, 100%
**
**
**
µs
Rmod
Load Modulation
**
**
**
tret
EEPROM Data Retention
Tamb ≤ 55 °C
10
Years
nwrite
EEPROM Write Endurance
100 000
Cycles
NOTES:
1. Typical ratings are not guaranteed. These values listed are at room temperature.
2. Measured with an HP4285A LCR meter at 13.56 MHz.
3. Including losses in resonant capacitor and rectifier.
** : refer to ISO/IEC 15693-2 and 15693-3 including pulse shapes and tolerances; proper coil design assumed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com