Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS20 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SL2ICS20
Description  SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS20 Datasheet(HTML) 5 Page - NXP Semiconductors

  SL2ICS20 Datasheet HTML 1Page - NXP Semiconductors SL2ICS20 Datasheet HTML 2Page - NXP Semiconductors SL2ICS20 Datasheet HTML 3Page - NXP Semiconductors SL2ICS20 Datasheet HTML 4Page - NXP Semiconductors SL2ICS20 Datasheet HTML 5Page - NXP Semiconductors SL2ICS20 Datasheet HTML 6Page - NXP Semiconductors SL2ICS20 Datasheet HTML 7Page - NXP Semiconductors SL2ICS20 Datasheet HTML 8Page - NXP Semiconductors SL2ICS20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product Specification Rev.3.0 December 2002
Bumped Wafer Specification
SL2 ICS 20
5
7 ELECTRICAL SPECIFICATIONS
7.1 ABSOLUTE MAXIMUM RATINGS
1, 2
SYMBOL
PARAMETER
TEST
CONDITIONS
RATING
UNIT
Tstg
Storage Temperature Range
- 55 to +140
°C
Tj
Junction Temperature
- 55 to +140
°C
VESD
ESD Voltage Immunity
MIL-STD-883D,
Method 3015.7,
Human Body Model
± 2
kVpeak
Imax LA-LB Maximum Input Peak Current
± 60
mApeak
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any conditions other than those described in the Operating Conditions and
Electrical Characteristics section of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
7.2 OPERATING CONDITIONS
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
TYP
1
MAX
UNIT
Tj op
Operating Junction Temperature
- 25
+
85
°C
ILA-LB
Input Current
2
30
mArms
VLA-LB
Minimum Supply Voltage
for READ/WRITE/EAS
± 2.5
± 2.6
± 2.9
Vrms
fop
Operating Frequency
3
13.553
13.560
13.567
MHz
NOTES:
1. Typical ratings are not guaranteed. These values listed are at room temperature.
2. The voltage between LA and LB is limited by the on-chip voltage limitation circuitry (corresponding to parameter ILA-LB).
3. Bandwidth limitation (±7 kHz) according to ISM band regulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com