Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS20 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SL2ICS20
Description  SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS20 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SL2ICS20 Datasheet HTML 4Page - NXP Semiconductors SL2ICS20 Datasheet HTML 5Page - NXP Semiconductors SL2ICS20 Datasheet HTML 6Page - NXP Semiconductors SL2ICS20 Datasheet HTML 7Page - NXP Semiconductors SL2ICS20 Datasheet HTML 8Page - NXP Semiconductors SL2ICS20 Datasheet HTML 9Page - NXP Semiconductors SL2ICS20 Datasheet HTML 10Page - NXP Semiconductors SL2ICS20 Datasheet HTML 11Page - NXP Semiconductors SL2ICS20 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product Specification Rev.3.0 December 2002
Bumped Wafer Specification
SL2 ICS 20
8
9 HINTS FOR LABEL IC ENCAPSULATION
9.1 Protection against Visible Light
As a result of the ultra low power design of the I•CODE SLI Label IC some analogue circuits on the chip are
light sensitive. This means that common sun light can impact the operation of the label if the chip is not
protected against visible light radiation.
Measurements have shown that a radiation of Emax = 60 W/m
2 (spectrum: 400 to 1000 nm) causes a reduced
operating range of the plain chip.
Measurements of direct sunlight in summer deliver values up to 260 W/m
2.
To ensure proper operation an expected minimum radiation reduction factor of approx. 9 (2 x 260/60 = 8.7)
must be provided by the encapsulation. That means special care has to be taken to ensure a sufficient light
protection of the I•CODE SLI Label IC (e.g. non translucent encapsulation or underfiller, ...) according to
application requirements.
9.2 Protection against UV Light
An EEPROM memory, as it is also used in the I•CODE SLI Label IC, has some principle sensitivity to UV
light (applies to EEPROM-technology in general).
Thus strong UV exposure in the production of inlets/labels has to be avoided. UV protection has to be
ensured using appropriate assembly methods.
9.3 Resistance to X-Rays
X-ray exposure on comparable Philips ICs (with even smaller feature size) caused neither a long term
influence on the behaviour of the ICs nor on the data retention of the EEPROMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com