Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS50 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SL2ICS50
Description  I•CODE SLI-L/I•CODE SLI-L HC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS50 Datasheet(HTML) 3 Page - NXP Semiconductors

  SL2ICS50 Datasheet HTML 1Page - NXP Semiconductors SL2ICS50 Datasheet HTML 2Page - NXP Semiconductors SL2ICS50 Datasheet HTML 3Page - NXP Semiconductors SL2ICS50 Datasheet HTML 4Page - NXP Semiconductors SL2ICS50 Datasheet HTML 5Page - NXP Semiconductors SL2ICS50 Datasheet HTML 6Page - NXP Semiconductors SL2ICS50 Datasheet HTML 7Page - NXP Semiconductors SL2ICS50 Datasheet HTML 8Page - NXP Semiconductors SL2ICS50 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
136430
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
3 of 28
NXP Semiconductors
SL2 ICS50/SL2 ICS51
I•CODE SLI-L/I•CODE SLI-L HC
PUBLIC
2. Features
2.1 I•CODE SLI-L RF interface
Contactless transmission of data and supply energy (no battery needed)
Operating distance: up to 1.5 m (depending on antenna geometry)
Operating frequency: 13.56 MHz (ISM, world-wide licence free available)
I•CODE SLI- L Functionality (ISO/IEC 15693)
Fast data transfer: up to 53 kbit/s
High data integrity: 16-bit CRC, framing
True anti-collision
Additional fast anti-collision read
Password protected Electronic Article Surveillance (EAS) incl. application selection
Application Family Identifier (AFI) supported
Data Storage Format Identifier (DSFID)
Privacy command with 32-bit Privacy password
Destroy command with 32-bit Destroy password
Long Range Command
Write distance equal to read distance
2.2 EEPROM
Data retention of 10 years
Write endurance 100.000 cycles
2.3 Security features
Unique identifier for each device
Lock mechanism for each user memory block (write protection)
Lock mechanism for DSFID, AFI, EAS
Password (32-bit) protected Label Destroy
Password (32-bit) protected Privacy Mode
Password (32-bit) protected EAS Functionality
3. Applications
Factory Automation
Industrial and Laundry
Asset Management
Libraries and Rental
4. Quick reference data
The data sheet describes the functionality of the smart label ICS I•CODE SLI- L and
I•CODE SLI- L HC. These ICs distinguish between the built in resonance capacitance.
The I•CODE SLI- L HC shows a higher capacitance value than the I•CODE SLI- L.
Therefore within the I•CODE SLI- L HC smaller label designs can be realized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com