Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS50 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SL2ICS50
Description  I•CODE SLI-L/I•CODE SLI-L HC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS50 Datasheet(HTML) 1 Page - NXP Semiconductors

  SL2ICS50 Datasheet HTML 1Page - NXP Semiconductors SL2ICS50 Datasheet HTML 2Page - NXP Semiconductors SL2ICS50 Datasheet HTML 3Page - NXP Semiconductors SL2ICS50 Datasheet HTML 4Page - NXP Semiconductors SL2ICS50 Datasheet HTML 5Page - NXP Semiconductors SL2ICS50 Datasheet HTML 6Page - NXP Semiconductors SL2ICS50 Datasheet HTML 7Page - NXP Semiconductors SL2ICS50 Datasheet HTML 8Page - NXP Semiconductors SL2ICS50 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SL2 ICS50/SL2 ICS51
I•CODE SLI-L/I•CODE SLI-L HC
Rev. 3.0 — 14 March 2007
Product data sheet
136430
PUBLIC
1. General description
The I•CODE SLI-L/I•CODE SLI-L HC IC is a dedicated chip for smart label applications
with the need for a leaner custom-specific command set, smaller memory and/or a
product which takes care of the increasing demand for perfect customer privacy. This IC is
another member of our product family of smart label ICs that fully comply to the ISO
standard ISO/IEC 15693. The IC is also available in high capacitance version for small
label designs.
The I•CODE system offers the possibility of operating more than one label simultaneously
in the field of the reader antenna (Anticollision). It is designed for long range applications
with a special command for the use under the European regulations.
1.1 Anticollision
An intelligent anticollision function allows to operate more than one tag in the field
simultaneously. The anticollision algorithm selects each tag individually and ensures that
the execution of a transaction with a selected tag is performed correctly without data
corruption resulting from other tags in the field.
1.2 Contactless energy and data transfer
Whenever connected to a very simple and cheap type of antenna (as a result of the
13.56 MHz carrier frequency) made out of a few windings printed, winded, etched or
punched coil the I•CODE SLI-L/I•CODE SLI-L HC IC can be operated without line of sight
up to a distance of 1.5 m (gate width). No battery is needed. When the smart label is
positioned in the field of an interrogator antenna, the high speed RF communication
interface allows to transmit data with up to 53 kbit/s.


Similar Part No. - SL2ICS50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2ICS53 NXP-SL2ICS53 Datasheet
992Kb / 33P
I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 - 14 March 2007
SL2ICS5301EW/V7 NXP-SL2ICS5301EW/V7 Datasheet
992Kb / 33P
I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 - 14 March 2007
SL2ICS5401EW/V7 NXP-SL2ICS5401EW/V7 Datasheet
992Kb / 33P
I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 - 14 March 2007
More results

Similar Description - SL2ICS50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SLRM900 PHILIPS-SLRM900 Datasheet
84Kb / 16P
I-CODE Long range reader module hardware
2002 May 24
SLEV900 PHILIPS-SLEV900 Datasheet
145Kb / 16P
I-CODE Evaluation kit
2002 May 23
logo
Rohm
SLR343BD2T ROHM-SLR343BD2T Datasheet
128Kb / 3P
High brightness (SLR343/SLI-343 series) Low power consumption (SLI-343(W) series)
SLI-343DC3F ROHM-SLI-343DC3F Datasheet
139Kb / 4P
SLI-343 Series
SLI-343URCT32 ROHM-SLI-343URCT32 Datasheet
138Kb / 5P
SLI-343 Series
SLI-560X ROHM-SLI-560X Datasheet
982Kb / 12P
SLI-560x/SLA-560x/SLA560x Series
2022.2 - Rev.008
logo
NorComp
858-LP5-103RLS4 NORCOMP-858-LP5-103RLS4 Datasheet
75Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-L CODE-5POSITION
REV.4 08/01/2018
858-LP5-203RLS4 NORCOMP-858-LP5-203RLS4 Datasheet
90Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-L CODE-5POSITION
REV.5 08/01/2018
logo
NXP Semiconductors
SL2ICS20 NXP-SL2ICS20 Datasheet
44Kb / 12P
SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
December 2002
SL2ICS53 NXP-SL2ICS53 Datasheet
992Kb / 33P
I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 - 14 March 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com