Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS50 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SL2ICS50
Description  I•CODE SLI-L/I•CODE SLI-L HC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS50 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SL2ICS50 Datasheet HTML 2Page - NXP Semiconductors SL2ICS50 Datasheet HTML 3Page - NXP Semiconductors SL2ICS50 Datasheet HTML 4Page - NXP Semiconductors SL2ICS50 Datasheet HTML 5Page - NXP Semiconductors SL2ICS50 Datasheet HTML 6Page - NXP Semiconductors SL2ICS50 Datasheet HTML 7Page - NXP Semiconductors SL2ICS50 Datasheet HTML 8Page - NXP Semiconductors SL2ICS50 Datasheet HTML 9Page - NXP Semiconductors SL2ICS50 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
136430
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
6 of 28
NXP Semiconductors
SL2 ICS50/SL2 ICS51
I•CODE SLI-L/I•CODE SLI-L HC
PUBLIC
7. Functional description
7.1 Block description
The label requires no internal power supply. Its contactless interface generates the power
supply and the system clock via the resonant circuitry by inductive coupling to the
interrogator. The interface also demodulates data that are transmitted from the
interrogator to the I•CODE Label, and modulates the electromagnetic field for data
transmission from the I•CODE Label to the interrogator.
Data are stored in a non-volatile memory (EEPROM). The EEPROM has a memory
capacity of 512 bit and is organized in 16 blocks consisting of 4 bytes each (1 block =
32 bits). The higher 8 blocks contain user data and the lowest 8 blocks contain the unique
identifier, the write access conditions and special data like AFI and DSFID.
7.2 Memory organization
The 512 bit EEPROM memory is divided into 16 blocks. A block is the smallest access
unit. Each block consists of 4 bytes (1 block = 32 bits). 4 blocks are summed up to 1 page.
Bit 0 in each byte represents the least significant bit (LSB) and bit 7 the most significant bit
(MSB), respectively.
The Memory is divided into 2 parts:
• Configuration Area
– Within this part of the memory all required information are stored like UID, Write
protection, Passwords and so on. Direct access to this memory area is not
possible.
• User Memory
– Within this area the user data are stored. Direct Read/write access to this part of
the memory is possible depending on the related write protection conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com