Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS50 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SL2ICS50
Description  I•CODE SLI-L/I•CODE SLI-L HC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS50 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SL2ICS50 Datasheet HTML 4Page - NXP Semiconductors SL2ICS50 Datasheet HTML 5Page - NXP Semiconductors SL2ICS50 Datasheet HTML 6Page - NXP Semiconductors SL2ICS50 Datasheet HTML 7Page - NXP Semiconductors SL2ICS50 Datasheet HTML 8Page - NXP Semiconductors SL2ICS50 Datasheet HTML 9Page - NXP Semiconductors SL2ICS50 Datasheet HTML 10Page - NXP Semiconductors SL2ICS50 Datasheet HTML 11Page - NXP Semiconductors SL2ICS50 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
136430
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
8 of 28
NXP Semiconductors
SL2 ICS50/SL2 ICS51
I•CODE SLI-L/I•CODE SLI-L HC
PUBLIC
7.2.1 Unique identifier
The 64-bit unique identifier (UID) is programmed during the production process according
to ISO/IEC 15693-3 and cannot be changed afterwards.
The numbering of the 64 bits is done according to ISO/IEC 15693-3 starting with the
LSB 1 and ending with the MSB 64. This is in contrast to the general used bit numbering
within a byte (starting with LSB 0).
The TAG type is a part of the UID (bit 41 to 48, after the manufacturer code which is “04h”
for NXP Semiconductors).
The TAG type of the SL2 ICS50/SL2 ICS51 is “03h”
Table 4.
Unique Identifier description
Byte
7
6
5
4
3
2
1
0
Name
UID 7
UID 6
UID 5
UID 4
UID 3
UID 2
UID 1
UID 0
Value
E0
04
03
IC manufacturer serial number
Bit
64 to 57
56 to 49
48 to 41
40 to 1
MSB
LSB
7.2.2 Configuration of delivered ICs
I•CODE SLI-L/I•CODE SLI-L HC ICs are delivered with the following configuration by NXP
Semiconductors:
• Unique Identifier is unique and read only
• Write Access Conditions allow to change user blocks, AFI, DSFID, EAS and
Passwords
• All password bytes are 00h ( Privacy Password, Destroy Password, EAS Password)
• Password protected Privacy Mode is disabled
• EAS password protection is disabled
• Status of EAS mode is not defined
• AFI is supported and not defined
• DSFID is supported and not defined
• User Data memory is not defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com