Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS53 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SL2ICS53
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS53 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SL2ICS53 Datasheet HTML 13Page - NXP Semiconductors SL2ICS53 Datasheet HTML 14Page - NXP Semiconductors SL2ICS53 Datasheet HTML 15Page - NXP Semiconductors SL2ICS53 Datasheet HTML 16Page - NXP Semiconductors SL2ICS53 Datasheet HTML 17Page - NXP Semiconductors SL2ICS53 Datasheet HTML 18Page - NXP Semiconductors SL2ICS53 Datasheet HTML 19Page - NXP Semiconductors SL2ICS53 Datasheet HTML 20Page - NXP Semiconductors SL2ICS53 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
17 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
8.1.3.8 Get multiple block protection status
Command Code = B8h
To the Get Multiple Block Protection Status command the label responds with the block
protection status of the requested blocks.
Remark: If the sum of the first block number and the number of blocks exceeds the total
available number of user blocks the number of transmitted security status bytes is less
than the requested number, which means that the last returned status byte is the one
corresponding to the highest available user block, followed by the 16-bit CRC and the
EOF.
Table 30.
Request format
SOF Flags
Get Multiple
Block Protection
Status
IC Mfg
code
UID
First
Block
Number
Number
of
Blocks
CRC16
EOF
8 bits
8 bits
8 bits
64 bits
8 bits
8 bits
16 bits
8 bits
Table 31.
Response format when Error_flag is set
SOF
Flags
Error code
CRC16
EOF
8 bits
8 bits
16 bits
Table 32.
Response format when Error_flag is NOT set
SOF
Flags
Block Protection
Status
CRC16
EOF
8 bits
8 bits
16 bits
Repeated as needed
Table 33.
Block protection status
Bit
Name
Value
Description
b1 (LSB)
Lock bit (WAC)[1] 0
Block is not locked
1
Block is locked (Lock Block command)
b2
Read password
protected
0
disabled
1
enabled
b3
Write password
protected
0
disabled
1
enabled
b4
Page protection
lock
0
1
not locked
locked
b5 to b8 (MSB)
-
0
[1]
WAC... Write access condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com