Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS53 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SL2ICS53
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS53 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SL2ICS53 Datasheet HTML 2Page - NXP Semiconductors SL2ICS53 Datasheet HTML 3Page - NXP Semiconductors SL2ICS53 Datasheet HTML 4Page - NXP Semiconductors SL2ICS53 Datasheet HTML 5Page - NXP Semiconductors SL2ICS53 Datasheet HTML 6Page - NXP Semiconductors SL2ICS53 Datasheet HTML 7Page - NXP Semiconductors SL2ICS53 Datasheet HTML 8Page - NXP Semiconductors SL2ICS53 Datasheet HTML 9Page - NXP Semiconductors SL2ICS53 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
6 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
7. Functional description
7.1 Block description
The label requires no internal power supply. Its contactless interface generates the power
supply and the system clock via the resonant circuitry by inductive coupling to the
interrogator. The interface also demodulates data that are transmitted from the
interrogator to the I•CODE Label, and modulates the electromagnetic field for data
transmission from the I•CODE Label to the interrogator.
Data are stored in a non-volatile memory (EEPROM). The EEPROM has a memory
capacity of 2048 bit and is organized in 64 blocks consisting of 4 bytes each (1 block =
32 bits). The higher 40 blocks contain user data and the lowest 24 blocks contain the
unique identifier, EPC Memory, security, the write access conditions and special data like
AFI and DSFID.
7.2 Memory organization
The 2048 bit EEPROM memory is divided into 64 blocks. A block is the smallest access
unit. Each block consists of 4 bytes (1 block = 32 bits). 4 blocks are summed up to 1 page
for password protection. Bit 0 in each byte represents the least significant bit (LSB) and
bit 7 the most significant bit (MSB), respectively.
The Memory is divided into 2 parts:
• Configuration Area
– Within this part of the memory all required information are stored like UID, EPC
Data, Write protection, Access control information, Passwords and so on. Direct
access to this memory area is not possible.
• User Memory
– Within this area the user data are stored. Direct Read/write access to this part of
the memory is possible depending on the related security and write protection
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com