Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS53 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SL2ICS53
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS53 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SL2ICS53 Datasheet HTML 5Page - NXP Semiconductors SL2ICS53 Datasheet HTML 6Page - NXP Semiconductors SL2ICS53 Datasheet HTML 7Page - NXP Semiconductors SL2ICS53 Datasheet HTML 8Page - NXP Semiconductors SL2ICS53 Datasheet HTML 9Page - NXP Semiconductors SL2ICS53 Datasheet HTML 10Page - NXP Semiconductors SL2ICS53 Datasheet HTML 11Page - NXP Semiconductors SL2ICS53 Datasheet HTML 12Page - NXP Semiconductors SL2ICS53 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
9 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
7.3 Communication principle
ISO/IEC 15693 command set
For detailed description of the protocol and timing please refer to ISO/IEC 15693-2
(modulation, bit-coding, framing) and 15693-3 (anticollision, timing, protocol).
EPC command set
For detailed description of the protocol and timing please refer to EPC Specification
“13.56 MHz ISM Band Class 1 Radio Frequency (RF) Identification Tag Interface
Specification”.
8. Command set
8.1 ISO/IEC 15693 command set
8.1.1 Mandatory commands
8.1.1.1 Inventory
As defined in ISO/IEC 15693-3.
Exception: If the Privacy or Destroy mode is enabled the label will not respond.
8.1.1.2 Stay Quiet
As defined in ISO/IEC 15693-3.
8.1.2 Optional Commands
8.1.2.1 Read Single Block
As defined in ISO/IEC 15693-3.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
If the Privacy or Destroy mode is enabled the label will not respond.
If the related page of the addressed block is protected with the Read-Password and the
password has not been transmitted before with the Set Password command the label will
respond according to the error handling (see Section 8.4 “Error handling”).
8.1.2.2 Write Single Block
Only Option 0 (Option flag is not set) is supported.
If the addressed block is part of a write protected page or only protected with the Read
Password (see Section 8.1.3.6 “Protect page”) and the password has not been
transmitted before with the Set Password command the label will respond according to
the error handling (see Section 8.4 “Error handling”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com