Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS53 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SL2ICS53
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS53 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SL2ICS53 Datasheet HTML 6Page - NXP Semiconductors SL2ICS53 Datasheet HTML 7Page - NXP Semiconductors SL2ICS53 Datasheet HTML 8Page - NXP Semiconductors SL2ICS53 Datasheet HTML 9Page - NXP Semiconductors SL2ICS53 Datasheet HTML 10Page - NXP Semiconductors SL2ICS53 Datasheet HTML 11Page - NXP Semiconductors SL2ICS53 Datasheet HTML 12Page - NXP Semiconductors SL2ICS53 Datasheet HTML 13Page - NXP Semiconductors SL2ICS53 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
10 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
8.1.2.3 Lock Block
Only Option 0 (Option flag is not set) is supported.
If the addressed block is part of a write protected page or only protected with the Read
Password (see Section 8.1.3.6 “Protect page”) and the password has not been
transmitted before with the Set Password command the label will respond according to
the error handling (see Section 8.4 “Error handling”).
8.1.2.4 Select
As defined in ISO/IEC 15693-3.
8.1.2.5 Reset to Ready
As defined in ISO/IEC 15693-3.
8.1.2.6 Write AFI
As defined in ISO/IEC 15693-3.
Only Option 0 (Option flag is not set) is supported.
8.1.2.7 Lock AFI
As defined in ISO/IEC 15693-3.
Only Option 0 (Option flag is not set) is supported.
8.1.2.8 Write DSFID
As defined in ISO/IEC 15693-3.
Only Option 0 (Option flag is not set) is supported.
8.1.2.9 Lock DSFID
As defined in ISO/IEC 15693-3.
Only Option 0 (Option flag is not set) is supported.
8.1.2.10 Get System Information
As defined in ISO/IEC 15693-3.
The TAG type of the SL2 ICS53/SL2 ICS54 is “02h”.
8.1.3 Custom Commands
The Manufacturer code of NXP Semiconductors is defined in ISO/IEC 7816-6A1. It has
the value “04h”.
For the structure of custom commands please refer to ISO/IEC 15693-3.
8.1.3.1 Get Random Number
Command Code = B2h
The Get Random Number command is required to receive a random number from the
label IC. The passwords that will be transmitted with the Set Password command have to
be calculated with the Password and the Random Number (see Section 8.1.3.2 “Set
password”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com