Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5301EW/V7 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SL2ICS5301EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5301EW/V7 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SL2ICS5301EW/V7 Datasheet HTML 9Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 10Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 11Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 12Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 13Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 14Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 15Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 16Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
13 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
8.1.3.4 Lock password
Command Code = B5h
With the Lock Password command the addressed password will be locked if the related
password has already been transmitted with a Set Password command before. A locked
password can not be changed any longer.
The different passwords are addressed with the Password Identifier.
Table 16.
Request format
SOF
Flags
Lock
Password
IC Mfg
code
UID
Password
Identifier
CRC16
EOF
8 bits
8 bits
8 bits
64 bits
8 bits
16 bits
8 bits
Table 17.
Password identifier
Password Identifier
Password
01h
Read
02h
Write
04h
Privacy
08h
Destroy SLI-S
10h
EAS
Table 18.
Response format when Error_flag is set
SOF
Flags
Error code
CRC16
EOF
8 bits
8 bits
16 bits
Table 19.
Response format when Error_flag is NOT set
SOF
Flags
CRC16
EOF
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com