Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5301EW/V7 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SL2ICS5301EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5301EW/V7 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SL2ICS5301EW/V7 Datasheet HTML 25Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 26Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 27Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 28Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 29Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 30Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 31Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 32Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 33Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
29 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
8.5 Data integrity
Following mechanisms are implemented in the contactless communication link between
interrogator and label to ensure very reliable data transmission:
• 16-bit CRC per block
• Bit count checking
• Bit coding to distinguish between “1”, “0” and no information
• Channel monitoring (protocol sequence and bit stream analysis)
8.6 RF interface
The definition of the RF interface is according to the standard ISO/IEC 15693-2 and
ISO/IEC 15693-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com