Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5301EW/V7 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SL2ICS5301EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5301EW/V7 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SL2ICS5301EW/V7 Datasheet HTML 7Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 8Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 9Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 10Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 11Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 12Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 13Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 14Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
11 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
The different passwords are addressed with the Password Identifier.
Table 5.
Request format
SOF
Flags
Get Random
Number
IC Mfg
code
UID
CRC16
EOF
8 bits
8 bits
8 bits
64 bits
16 bits
8 bits
Table 6.
Response format when Error_flag is set
SOF
Flags
Error code
CRC16
EOF
8 bits
8 bits
16 bits
Table 7.
Response format when Error_flag is NOT set
SOF
Flags
Random Number CRC16
EOF
8 bits
16 bits
16 bits
8.1.3.2 Set password
Command Code = B3h
With the Set Password command the different Passwords can be transmitted to the Label
to get access to the different protected functionalities on the following commands. The Set
Password command has to be executed just once for the related passwords if the label is
powered.
Remark: The Set Password command can only be executed in addressed or selected
mode except of the Privacy Password.
The XOR Password has to be calculated with the password and two times the received
random number from the last Get Random Number command:
XOR_Password[31:0] = Password[31:0] XOR {Random_Number[15:0],
Random_Number[15:0]}
The different passwords are addressed with the Password Identifier.
Table 8.
Request format
SOF
Flags
Set
Password
IC Mfg
code
UID
Password
Identifier
XOR
Password
CRC16
EOF
8 bits
8 bits
8 bits
64 bits 8 bits
32 bits
16 bits
8 bits
Table 9.
Password Identifier
Password Identifier
Password
01h
Read
02h
Write
04h
Privacy
08h
Destroy SLI-S
10h
EAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com