Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5301EW/V7 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SL2ICS5301EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5301EW/V7 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SL2ICS5301EW/V7 Datasheet HTML 24Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 25Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 26Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 27Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 28Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 29Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 30Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 31Page - NXP Semiconductors SL2ICS5301EW/V7 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
28 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
8.4 Error handling
8.4.1 Transmission errors
According to ISO/IEC 15693 the Label IC will not respond if a transmission error (CRC,
bitcoding, bitcount, wrong framing) is detected and will silently wait for the next correct
received command.
8.4.2 Not supported commands or options
If the received command or option is not supported, the behaviour of the Label IC is
depending on the addressing mechanism.
8.4.2.1 Non addressed mode
The label IC remains silent.
8.4.2.2 Addressed or selected mode
The addressed or selected label IC responds with the error code “0Fh” (error with no
information given or error code is not supported).
If the Inventory flag or the protocol extension flag is set the label IC will not respond if the
command or option is not supported.
8.4.3 Parameter out of range
8.4.3.1 Read commands
If the sum of the first block number and the number of blocks exceeds the total available
number of user blocks, the number of transmitted blocks is less than the requested
number of blocks, which means that the last returned block is the highest available user
block, followed by the 16-bit CRC and the EOF.
8.4.3.2 Write and lock commands
If the address of a block to be written does not exist or a block to be written is locked the
behaviour of the Label IC is depending on the addressing mechanism.
8.4.3.3 Non addressed mode
The Label IC remains silent and aborts the command without writing anything.
8.4.3.4 Addressed or selected mode
The addressed or selected Label IC responds with the error code “0Fh” (error with no
information given or error code is not supported).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com