Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321B Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # AT25SF321B
Description  32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321B Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button AT25SF321B Datasheet HTML 35Page - Renesas Technology Corp AT25SF321B Datasheet HTML 36Page - Renesas Technology Corp AT25SF321B Datasheet HTML 37Page - Renesas Technology Corp AT25SF321B Datasheet HTML 38Page - Renesas Technology Corp AT25SF321B Datasheet HTML 39Page - Renesas Technology Corp AT25SF321B Datasheet HTML 40Page - Renesas Technology Corp AT25SF321B Datasheet HTML 41Page - Renesas Technology Corp AT25SF321B Datasheet HTML 42Page - Renesas Technology Corp AT25SF321B Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
DS-AT25SF321B-179 Rev. F
Page 39
2022-06-03
© 2022 Renesas Electronics
AT25SF321B Datasheet
10.4 Read Security Registers (48h)
The Security Register can be sequentially read in a similar fashion to the Read Array operation up to the
maximum clock frequency specified by fCLK. To read the Security Register, the CS pin must first be asserted and
the opcode of 48h must be clocked into the device. After the opcode has been clocked in, the three address bytes
must be clocked in to specify the starting address location of the first byte to read within the Security Register.
Following the three address bytes, one dummy byte must be clocked into the device before data can be output.
After the three address bytes and the dummy byte have been clocked in, additional clock cycles result in the
Security Register data being output on the SO pin. When the last byte (0003FFh) of the Security Register has
been read, the device continues reading back at the beginning of the register (000000h). No delays are incurred
when wrapping around from the end of the register to the beginning of the register.
Deasserting the CS pin terminates the read operation and puts the SO pin into a high-impedance state. The CS
pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 30. Read Security Registers
Table 10. Security Register Addresses for Read Security Registers Command
Address
A23-A16
A15-A12
A11-A8
A7-A0
Security Register 1
00h
1h
0h
Byte Address
Security Register 2
00h
2h
0h
Byte Address
Security Register 3
00h
3h
0h
Byte Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com