Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT25SF321B
Description  32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT25SF321B Datasheet HTML 17Page - Renesas Technology Corp AT25SF321B Datasheet HTML 18Page - Renesas Technology Corp AT25SF321B Datasheet HTML 19Page - Renesas Technology Corp AT25SF321B Datasheet HTML 20Page - Renesas Technology Corp AT25SF321B Datasheet HTML 21Page - Renesas Technology Corp AT25SF321B Datasheet HTML 22Page - Renesas Technology Corp AT25SF321B Datasheet HTML 23Page - Renesas Technology Corp AT25SF321B Datasheet HTML 24Page - Renesas Technology Corp AT25SF321B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
DS-AT25SF321B-179 Rev. F
Page 21
2022-06-03
© 2022 Renesas Electronics
AT25SF321B Datasheet
7.5
Quad-I/O Fast Read Array (EBh)
The Quad-I/O Fast Read Array command is similar to the Quad-Output Fast Read Array command. It allows four
bits of address to be clocked into the device on every clock cycle, rather than just one.
To perform the Quad-I/O Read Array operation, the CS pin must first be asserted; then, the opcode EBh must be
clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to
specify the location of the first byte to read within the memory array. Following the three address bytes, a single
mode byte must also be clocked into the device.
After the three address bytes, the mode byte and two dummy bytes have been clocked in, additional clock cycles
output data on the I/O3-0 pins. The data is output with the MSB of a byte first, and the MSB is output on the I/O3
pin. During the first clock cycle, bit 7 of the first data byte is output on the I/O3 pin while bits 6, 5, and 4 of the same
data byte are output on the I/O2, I/O1 and I/O0 pins, respectively. During the next clock cycle, bits 3, 2, 1, and 0 of
the first data byte are output on the I/O3, I/O2, I/O1 and I/O0 pins, respectively. The sequence continues with each
byte of data being output after every two clock cycles.
When the last byte (3FFFFFh) of the memory array has been read, the device continues reading from the
beginning of the array (000000h). No delays are incurred when wrapping around from the end of the array to the
beginning of the array. Deasserting the CS pin terminates the read operation and puts the I/O3, I/O2, I/O1 and I/O0
pins into a high-impedance state. The CS pin can be deasserted at any time and does not require a full byte of
data to be read. The Quad Enable bit (QE) of the Status Register must be set to enable for the Quad-I/O Read
Array command.
Figure 11. Quad-I/O Read Array (Initial command or previous M5, M4 ≠ 1,0)
I/O0
(SI)
SCK
I/O1
(SO)
CS
MSB
23
1
0
11101011
67
5
410 11
9
819
17 18
16
Opcode
A20 A16 A12 A8
A23-A16 A15-A8
A21 A17 A13 A9
23
21 22
20
D4
D1
D0
D5
D4
Byte 1
D5
D0
D1
Byte 2
I/O2
(WP)
A22 A18 A14 A10
D2 D6
D6
D2
I/O3
(HOLD)
A23 A19 A15 A11
D3 D7
D7
D3
14 15
13
12
A4 A0 M4 M0
A7-A0
M7-M0
A6 A2 M6 M2
A7 A3 M7 M3
A5 A1 M5 M1
Dummy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com