Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321B Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # AT25SF321B
Description  32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321B Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button AT25SF321B Datasheet HTML 10Page - Renesas Technology Corp AT25SF321B Datasheet HTML 11Page - Renesas Technology Corp AT25SF321B Datasheet HTML 12Page - Renesas Technology Corp AT25SF321B Datasheet HTML 13Page - Renesas Technology Corp AT25SF321B Datasheet HTML 14Page - Renesas Technology Corp AT25SF321B Datasheet HTML 15Page - Renesas Technology Corp AT25SF321B Datasheet HTML 16Page - Renesas Technology Corp AT25SF321B Datasheet HTML 17Page - Renesas Technology Corp AT25SF321B Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
DS-AT25SF321B-179 Rev. F
Page 14
2022-06-03
© 2022 Renesas Electronics
AT25SF321B Datasheet
6.
Commands and Addressing
A valid command or operation must be started by asserting the CS pin. After that, the host controller must clock
out a valid 8-bit opcode on the SPI bus. Following the opcode, command-dependent information, such as address
and data bytes, can be clocked out by the host controller. All opcode, address, and data bytes are transferred with
the most-significant bit (MSB) first. An operation is ended by deasserting the CS pin.
Opcodes not supported by the AT25SF321B are ignored, and no operation is started. The device continues to
ignore any data presented on the SI pin until the start of the next operation (CS pin deasserted, then reasserted).
If the CS pin is deasserted before complete opcode and address information is sent to the device, the device
simply returns to the idle state and waits for the next operation.
Device addressing requires three bytes, representing address bits A23-A0, to be sent. Since the upper address
limit of the AT25SF321B memory array is 3FFFFFh, address bits A23-A22 are always ignored by the device.
Table 4. AT25SF321B Command Table
Command Name
Command
Opcode
Bus Transfer Type
(OP-AD-DA)(1)
Mode Bit
Present
Mode Bit
Clocks
Wait Cycle
Dummy Clocks
# of Data
Bytes
System Commands
Enable Reset
66h
1-0-0
N
0
0
0
Reset Device
99h
1-0-0
N
0
0
0
Deep Power-down
B9h
1-0-0
N
0
0
0
Release Power-down
ABh
1-0-0
N
0
0
0
Read Commands
Normal Read Data
03h
1-1-1
N
0
0
1+
Fast Read
0Bh
1-1-1
N
0
8
1+
Dual Output Fast read
3Bh
1-1-2
N
0
8
1+
Dual I/O Fast read
BBh
1-2-2
Y
4
0
1+
Dual I/O Fast read (Continuous Mode)
BBh
0-2-2
Y
4
0
1+
Quad Output Fast read
6Bh
1-1-4
N
0
8
1+
Quad I/O Fast read
EBh
1-4-4
Y
2
4
1+
Quad I/O Fast read (Continuous
Mode)
EBh
0-4-4
Y
2
4
1+
Word Read Quad I/O
E7h
1-4-4
Y
2
2
1+
Word Read Quad I/O (Continuous
Mode)
E7h
0-4-4
Y
2
2
1+
Set Burst With Wrap
77h
1-0-4
N
0
6
1, D[6:4]
Write Commands
Write Enable
06h
1-0-0
N
0
0
0
Volatile SR Write Enable
50h
1-0-0
N
0
0
0
Write Disable
04h
1-0-0
N
0
0
0
Program Commands
Page Program
02h
1-1-1
N
0
0
1+
Quad Page Program
32h
1-1-4
N
0
0
1+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com