Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # AT25SF321B
Description  32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button AT25SF321B Datasheet HTML 9Page - Renesas Technology Corp AT25SF321B Datasheet HTML 10Page - Renesas Technology Corp AT25SF321B Datasheet HTML 11Page - Renesas Technology Corp AT25SF321B Datasheet HTML 12Page - Renesas Technology Corp AT25SF321B Datasheet HTML 13Page - Renesas Technology Corp AT25SF321B Datasheet HTML 14Page - Renesas Technology Corp AT25SF321B Datasheet HTML 15Page - Renesas Technology Corp AT25SF321B Datasheet HTML 16Page - Renesas Technology Corp AT25SF321B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
DS-AT25SF321B-179 Rev. F
Page 13
2022-06-03
© 2022 Renesas Electronics
AT25SF321B Datasheet
5.
Device Operation
The AT25SF321B is controlled by a set of commands sent from a host controller, SPI Master. The SPI Master
communicates with the AT25SF321B through the SPI bus, which consists of four pins: Chip Select (CS), Serial
Clock (SCK), Serial Input (SI), and Serial Output (SO).
The SPI protocol defines a total of four modes of operation (mode 0, 1, 2, or 3). The AT25SF321B supports the
two most common modes, SPI modes 0 and 3. For these modes, data is latched in on the rising edge of SCK and
output on the falling edge of SCK.
Figure 4. SPI Mode 0 and 3
5.1
Dual Output Read (1-1-2)
The AT25SF321B features a Dual-Output Read mode that allows two bits of data to be clocked out of the device
every clock cycle to improve throughput. To do this, both the SI and SO pins are used as outputs for the transfer
of data bytes. With the Dual-Output Read Array command, the SI pin becomes an output along with the SO pin.
5.2
Dual I/O Read (1-2-2)
The AT25SF321B supports Dual I/O (1-2-2) transfers, which enhance throughput over the standard SPI mode.
This mode transfers the command on the SI pin, but the address and data are transferred on the SI and SO pins.
This means that only half the number of clocks are required to transfer the address and data.
5.3
Quad Output Read (1-1-4)
The AT25SF321B features a Quad-Output Read mode that allows four bits of data to be clocked out of the device
every clock cycle to improve throughput. To do this, the SI, SO, WP, and HOLD pins are used as outputs for the
transfer of data bytes. With the Quad-Output Read Array command, the SI, WP, and HOLD pins become outputs
along with the SO pin.
5.4
Quad I/O Read (1-4-4)
The AT25SF321B supports Quad I/O (1-4-4) transfers, which enhance throughput over the standard SPI mode.
This mode transfers the command on the SI pin, but the address and data are transferred on the SI, SO, WP, and
HOLD pins. This means that only a quarter of the number of clocks are required to transfer the address and data.
With the Quad I/O Read Array command, the SI, WP, and HOLD and SO pins become inputs during the address
transfer, and switch to outputs during the data transfer.
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com