Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1283IPT Datasheet(PDF) 19 Page - STMicroelectronics

Part # ADC1283IPT
Description  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283IPT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ADC1283IPT Datasheet HTML 15Page - STMicroelectronics ADC1283IPT Datasheet HTML 16Page - STMicroelectronics ADC1283IPT Datasheet HTML 17Page - STMicroelectronics ADC1283IPT Datasheet HTML 18Page - STMicroelectronics ADC1283IPT Datasheet HTML 19Page - STMicroelectronics ADC1283IPT Datasheet HTML 20Page - STMicroelectronics ADC1283IPT Datasheet HTML 21Page - STMicroelectronics ADC1283IPT Datasheet HTML 22Page - STMicroelectronics ADC1283IPT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
9
Ordering information
Table 9. Order code
Order code
Package
Temperature range
Marking
ADC1283IPT
TSSOP-16
- 40 °C to 125 °C
ADC1283
ADC1283
Ordering information
DS13932 - Rev 1
page 19/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com