Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1283IPT Datasheet(PDF) 2 Page - STMicroelectronics

Part # ADC1283IPT
Description  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283IPT Datasheet(HTML) 2 Page - STMicroelectronics

  ADC1283IPT Datasheet HTML 1Page - STMicroelectronics ADC1283IPT Datasheet HTML 2Page - STMicroelectronics ADC1283IPT Datasheet HTML 3Page - STMicroelectronics ADC1283IPT Datasheet HTML 4Page - STMicroelectronics ADC1283IPT Datasheet HTML 5Page - STMicroelectronics ADC1283IPT Datasheet HTML 6Page - STMicroelectronics ADC1283IPT Datasheet HTML 7Page - STMicroelectronics ADC1283IPT Datasheet HTML 8Page - STMicroelectronics ADC1283IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
Figure 2. Pin connection (top view)
Table 1. Pin description
Pin n.
Pin name
Description
1
CS
Chip select. Active low. Conversion starts on a falling edge of CS
2
AVCC
Analog power supply. Used as reference voltage for inputs
3
AGND
Analog ground
4 - 11
IN0 – IN7
Single-ended analog inputs. Signals are referenced from 0 V to AVCC
12
DGND
Digital ground
13
DVCC
Digital power supply voltage
14
DIN
Digital data input. Used to address the control register
15
DOUT
Digital data output
16
SCLK
Clock input. Applied clock signal varies from 0.8 MHz to 3.2 MHz
ADC1283
Block diagram and pin description
DS13932 - Rev 1
page 2/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com