Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1283IPT Datasheet(PDF) 3 Page - STMicroelectronics

Part # ADC1283IPT
Description  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283IPT Datasheet(HTML) 3 Page - STMicroelectronics

  ADC1283IPT Datasheet HTML 1Page - STMicroelectronics ADC1283IPT Datasheet HTML 2Page - STMicroelectronics ADC1283IPT Datasheet HTML 3Page - STMicroelectronics ADC1283IPT Datasheet HTML 4Page - STMicroelectronics ADC1283IPT Datasheet HTML 5Page - STMicroelectronics ADC1283IPT Datasheet HTML 6Page - STMicroelectronics ADC1283IPT Datasheet HTML 7Page - STMicroelectronics ADC1283IPT Datasheet HTML 8Page - STMicroelectronics ADC1283IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
AVCC
Maximum analog supply voltage between AVCC and AGND
-0.3 to 7
V
DVCC
Maximum digital supply voltage between DVCC and DGND
-0.3 to 7
V
Tstg
Maximum storage temperature
-65 to 150
°C
Tj
Maximum Junction temperature
+150
°C
Rthja
Junction to ambient thermal resistance (for TSSOP-16)
95
°C/W
Rthjc
Junction to case thermal resistance (for TSSOP-16)
35
°C/W
Vi
Maximum applied voltage on any pin versus ground
-0.3 V to AVCC +0.3 V
V
Ii (1)
Maximum input current applied on any pin
±10
mA
ESD
Human Body Model (HBM)
2000
V
Charged Device Model (CDM)
1000
V
1. When the input voltage at any pin exceeds the power supplies (that is VIN < AGND or VIN > AVCC or DVCC), the current at
that pin should be limited to 10 mA. A limit of 2 pins can sustain such a condition, limiting the current to 20 mA for the whole
device.
Note:
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the devices.
These are stress ratings only, which do not imply functional operation of the device at these or any other
conditions beyond those indicated under Recommended Operating conditions. Exposure to the absolute
maximum rating for extended periods may affect device reliability.
Table 3. Operating conditions
Symbol
Parameters
Min.
Unit
AVCC
Analog supply voltage
2.7 to 5.5
V
DVCC
Digital supply voltage
2.7 to 5.5
V
VINA
Analog input voltage
0 to AVCC
V
VIND
Digital input voltage
0 to DVCC
V
fSCLK
Clock frequency
0.8 to 3.2
MHz
T
Ambient temperature range
-40 to +125
°C
Note:
All voltages are related to GND = 0 V unless otherwise noted.
ADC1283
Absolute maximum ratings and operating conditions
DS13932 - Rev 1
page 3/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com