Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1283IPT Datasheet(PDF) 22 Page - STMicroelectronics

Part # ADC1283IPT
Description  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283IPT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ADC1283IPT Datasheet HTML 16Page - STMicroelectronics ADC1283IPT Datasheet HTML 17Page - STMicroelectronics ADC1283IPT Datasheet HTML 18Page - STMicroelectronics ADC1283IPT Datasheet HTML 19Page - STMicroelectronics ADC1283IPT Datasheet HTML 20Page - STMicroelectronics ADC1283IPT Datasheet HTML 21Page - STMicroelectronics ADC1283IPT Datasheet HTML 22Page - STMicroelectronics ADC1283IPT Datasheet HTML 23Page - STMicroelectronics ADC1283IPT Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Absolute maximum ratings ............................................................. 3
Table 3.
Operating conditions ................................................................. 3
Table 4.
Electrical characteristics AGND = DGND = 0 V, fSCLK = 3.2 MHz, fSAMPLE = 200 ksps, CL = 50 pF, Ta = 25 °C, all
specifications Tmin to Tmax unless otherwise specified. .......................................... 4
Table 5.
Control register bits ................................................................. 14
Table 6.
Control register bit description .......................................................... 14
Table 7.
Input channel description ............................................................. 14
Table 8.
TSSOP-16 package mechanical data ..................................................... 18
Table 9.
Order code ....................................................................... 19
Table 10.
Document revision history ............................................................. 20
ADC1283
List of tables
DS13932 - Rev 1
page 22/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com