Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VT Datasheet(PDF) 46 Page - STMicroelectronics

Part # BLUENRG-332VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button BLUENRG-332VT Datasheet HTML 42Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 43Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 44Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 45Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 46Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 47Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 48Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 49Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
Table 33. Flash memory endurance and data retention
Symbol
Parameter
Test conditions
Min.
Unit
NEND
Endurance
TA = -40 to +105 ºC
10
kcycles
tRET
Data retention
TA = 105 ºC
10
Years
6.3.15
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are applied to the pins of each
sample according to each pin combination. The sample size depends on the number of supply pins in the device
(3 parts x (n + 1) supply pins). This test conforms to the ANSI/JEDEC standard.
Table 34. ESD absolute maximum ratings
Symbol
Parameter
Conditions
Class Max.(1) Unit
VESD(HBM)
Electrostatic discharge voltage (human body
model)
Conforming to ANSI/ESDA/JEDEC JS-001
2
2000
V
VESD(CBM)
Electrostatic discharge voltage (charge
device model)
Conforming to ANSI/ESDA/STM5.3.1
JS-002
C2a
500
1. Guaranteed by design.
6.3.16
I/O port characteristics
Unless otherwise specified, the parameters given in the tables below are derived from tests performed under the
conditions summarized in Table 15. General operating conditions. All I/Os are designed as CMOS-compliant.
Table 35. I/O static characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL
I/O input low level voltage
1.62 V < VDD < 3.6 V
-
-
0.3 x VDD
V
VIH
I/O input high level voltage
0.7 x VDD
-
-
Ilkg
Input leakage current
0 <= VIN <= Max(VDDx)(1)
-
-
+/-100
nA
Max(VDDx)(1) <= VIN <= Max(VDDx)(1) +1 V
-
-
650
Max(VDDx)(1) + 1 V < VIN <= 5.5 V
-
-
200
RPU
Pull-up resistor
VIN = GND
25
40
55
kΩ
RPD
Pull-down resistor
VIN = VDD
25
40
55
CIO
I/O pin capacitance
-
-
5
-
pF
1. Max(VDDx) is the maximum value among all the I/O supplies.
All I/Os are CMOS-compliant (no software configuration required).
GPIOs (general purpose input/outputs) can sink or source up to ±8 mA and sink or source up to ± 20 mA (with a
relaxed VOL / VOH).
In the user application, the number of I/O pins that can drive current must be limited to respect the absolute
maximum rating specified.
•
The sum of currents sourced by all I/Os on VDD, plus the maximum consumption of MCU sourced on VDD,
cannot exceed the absolute maximum rating ΣIVDD
•
The sum of currents sunk by all I/Os on VSS, plus the maximum consumption of the MCU sunk on GND,
cannot exceed the absolute maximum rating ΣIVGND.
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 46/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com