Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VT Datasheet(PDF) 49 Page - STMicroelectronics

Part # BLUENRG-332VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VT Datasheet(HTML) 49 Page - STMicroelectronics

Back Button BLUENRG-332VT Datasheet HTML 45Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 46Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 47Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 48Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 49Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 50Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 51Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 52Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
Symbol
Parameter
Test conditions
Min. Typ.
Max
.
Units
-
Absolute error when used for battery
measurements at 1.7 V, 2.4 V, 3.0 V,
3.6 V
mV
ADC_ERR_3V6
-
-22
-
6.3.19
Temperature sensor characteristics
Table 39. Temperature sensor characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TrERR
Error in temperature
-
-
±4
-
°C
TSLOPE
Average temperature coefficient
-
-
8
-
bit/°C
TICC
Current consumption with AUXADC
-
-
415
-
µA
TTS-OUT
Output code at 30 °C (+/-5 °C)
-
-
2533
-
bit
6.3.20
Timer characteristics
Table 40. TIM2/16/17 characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tres(TIM)
Timer resolution time
fTIMxCLK = 64 MHz
-
15.625
-
ns
ResTIM
Timer resolution
-
-
16
-
bit
tCOUNTER
16-bit counter clock period
fTIMxCLK = 64 MHz
0.015625
-
1024
μs
tMAX_COUNT
Maximum possible count time
fTIMxCLK= 64
-
-
67.10
s
Table 41. IWDG min./max. timeout period at 32 kHz (LSE)
Prescaler divider
PR[2:0] bits
Min. timeout RL[11:0] = 0x000
Max. timeout RL[11:0] = 0xFFF
Unit
/4
0
0.125
512
ms
/8
1
0.250
1024
/16
2
0.500
2048
/32
3
1.0
4096
/64
4
2.0
8192
/128
5
4.0
16384
/256
6 or 7
8.0
32768
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 49/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com