Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VT Datasheet(PDF) 29 Page - STMicroelectronics

Part # BLUENRG-332VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button BLUENRG-332VT Datasheet HTML 25Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 26Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 27Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 28Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 29Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 30Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 31Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 32Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
5
Application circuits
The schematics below are purely indicative.
Figure 10. Application circuit: DC-DC converter, WLCSP36 package
PB7
E4
AT0_PB15
F3
PB0
D7
PB1
E6
AT2_PB13
D3
PB2
D5
PB3
C6
PB6
C4
V FBSD
B3
AT3_PB12
C2
AT1_PB14
E2
PA1
F7
VLXSD
D1
NC
F1
PB4
F5
PB5
G4
PA2
G6
PA3
H5
PA0
H7
PA11
J4
PA9
J6
OSCIN
K1
PA10
K5
OSCOUT
M1
RF1
M5
PA8
M7
U1
-
_
L2
C9
C8
L1
C7
C3
VDD
C4
C11
C13
C12
L3
L4
C14
C10
X2
XTAL_HS
X1
XTAL_LS
C15
C16
A1
C1
C2
C5
C6
VDD
VDD
BlueNRG-LPS
CSP36
Figure 11. Application circuit: DC-DC converter, QFN32 package
L2
C8
C9
L1
C7
C4
VDD
C15
C11
C13
C12
L3
L4
C14
C10
X2
XTAL_HS
X1
XTA L_LS
C15
C16
A1
C1
C2
C5
C6
VDD
PA8
9
PA9
10
PA10
11
PA11
12
VDD2
13
RF1
14
VDDRF
15
OSCOUT
16
VDD1
32
PB4
31
PB5
30
RSTN
29
VCAP
28
VFBSD
27
VSS
26
VLXSD
25
GND
33
U1
C3
VDD
VDD
BlueNRG-LPS
QFN32
BlueNRG-LPS
Application circuits
DS13819 - Rev 4
page 29/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com