Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-332VT Datasheet(PDF) 34 Page - STMicroelectronics

Part # BLUENRG-332VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VT Datasheet(HTML) 34 Page - STMicroelectronics

Back Button BLUENRG-332VT Datasheet HTML 30Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 31Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 32Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 33Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 34Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 35Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 36Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 37Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
6.3
Operating conditions
6.3.1
Summary of main performance
Table 12. Main performance SMPS ON
Symbol
Parameter
Test conditions
Typ.
VDD = 1.8 V
Typ.
VDD = 3.3 V
Unit
ICORE
Core current
consumption
SHUTDOWN
8
19
nA
DEEPSTOP, no timer, wake-up
GPIO, RAM0 retained
0.6
0.61
µA
DEEPSTOP, no timer, wakeup
GPIO, all RAM retained
0.63
0.64
DEEPSTOP (32 kHz LSI), RAM0
retained
1.06
1.12
DEEPSTOP (32 kHz LSI), all
RAMs retained
1.09
1.15
DEEPSTOP (32 kHz LSE),
RAM0 retained
0.85
0.96
DEEPSTOP (32 kHz LSE), all
RAM retained
0.88
0.99
CPU in RUN (64 MHz).
Dhrystone, clock source PLL64
-
2638
µA
CPU in RUN (32 MHz).
Dhrystone, clock source PLL64
-
2186
CPU in WFI (64 MHz), all
peripherals off, clock source
PLL64
-
1688
CPU in WFI (16 MHz), all
peripherals off, clock source
Direct HSE
-
1000
Radio RX at sensitivity level
-
3350
Radio TX 0 dBm output power
-
4300
Radio RX at sensitivity level with
CPU in WFI (32 MHz), clock
source Direct HSE
-
4950
Radio TX 0 dBm output power
with CPU in WFI (32 MHz), clock
source Direct HSE
-
5600
IDYNAMIC
Dynamic current
Computed value: (CPU 64 MHz
Dhrystone - CPU 32 MHz
Dhrystone) / 32
-
14
µA/MHz
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 34/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com