Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2ICLX Datasheet(PDF) 2 Page - STMicroelectronics

Part # IIS2ICLX
Description  High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 2 Page - STMicroelectronics

  IIS2ICLX Datasheet HTML 1Page - STMicroelectronics IIS2ICLX Datasheet HTML 2Page - STMicroelectronics IIS2ICLX Datasheet HTML 3Page - STMicroelectronics IIS2ICLX Datasheet HTML 4Page - STMicroelectronics IIS2ICLX Datasheet HTML 5Page - STMicroelectronics IIS2ICLX Datasheet HTML 6Page - STMicroelectronics IIS2ICLX Datasheet HTML 7Page - STMicroelectronics IIS2ICLX Datasheet HTML 8Page - STMicroelectronics IIS2ICLX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 119 page
background image
The IIS2ICLX has an unmatched set of embedded features (programmable FSM, machine learning core, sensor
hub, FIFO, event decoding, and interrupts), which are enablers for implementing smart and complex sensor
nodes that deliver high accuracy and performance at very low power.
The IIS2ICLX is available in a high-performance (low-stress) ceramic cavity land grid array (CCLGA) package and
can operate within a temperature range of -40 °C to +105 °C.
IIS2ICLX
DS13005 - Rev 7
page 2/119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com