Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2ICLX Datasheet(PDF) 39 Page - STMicroelectronics

Part # IIS2ICLX
Description  High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 39 Page - STMicroelectronics

Back Button IIS2ICLX Datasheet HTML 35Page - STMicroelectronics IIS2ICLX Datasheet HTML 36Page - STMicroelectronics IIS2ICLX Datasheet HTML 37Page - STMicroelectronics IIS2ICLX Datasheet HTML 38Page - STMicroelectronics IIS2ICLX Datasheet HTML 39Page - STMicroelectronics IIS2ICLX Datasheet HTML 40Page - STMicroelectronics IIS2ICLX Datasheet HTML 41Page - STMicroelectronics IIS2ICLX Datasheet HTML 42Page - STMicroelectronics IIS2ICLX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
11.12
CTRL1_XL (10h)
Accelerometer control register 1 (R/W)
ODR_XL3
ODR_XL2
ODR_XL1
ODR_XL0
FS1_XL
FS0_XL
LPF2_XL_EN
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 37. CTRL1_XL register description
ODR_XL[3:0]
Accelerometer ODR selection (see Table 38)
FS[1:0]_XL
Accelerometer full-scale selection (see Table 39)
LPF2_XL_EN
Accelerometer high-resolution selection
(0: output from first stage digital filtering selected (default);
1: output from LPF2 second filtering stage selected)
Table 38. Accelerometer ODR selection
ODR_XL3
ODR_XL2
ODR_XL1
ODR_XL0
ODR selection [Hz]
0
0
0
0
Power-down
0
0
0
1
12.5 Hz
0
0
1
0
26 Hz
0
0
1
1
52 Hz
0
1
0
0
104 Hz
0
1
0
1
208 Hz
0
1
1
0
416 Hz
0
1
1
1
833 Hz
1
x
x
x
RESERVED
Table 39. Accelerometer full-scale selection
FS[1:0]_XL
XL_FS
00
±0.5 g
01
±3 g
10
±1 g
11
±2 g
IIS2ICLX
CTRL1_XL (10h)
DS13005 - Rev 7
page 39/119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com