Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2ICLX Datasheet(PDF) 3 Page - STMicroelectronics

Part # IIS2ICLX
Description  High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 3 Page - STMicroelectronics

  IIS2ICLX Datasheet HTML 1Page - STMicroelectronics IIS2ICLX Datasheet HTML 2Page - STMicroelectronics IIS2ICLX Datasheet HTML 3Page - STMicroelectronics IIS2ICLX Datasheet HTML 4Page - STMicroelectronics IIS2ICLX Datasheet HTML 5Page - STMicroelectronics IIS2ICLX Datasheet HTML 6Page - STMicroelectronics IIS2ICLX Datasheet HTML 7Page - STMicroelectronics IIS2ICLX Datasheet HTML 8Page - STMicroelectronics IIS2ICLX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 119 page
background image
1
Overview
The IIS2ICLX is a high-accuracy (ultralow noise, high stability, and repeatability) and ultralow-power two-axis
digital accelerometer specifically recommended for inclination measurements (inclinometers) in Industry 4.0
applications.
All design aspects and the testing and calibration of the IIS2ICLX have been optimized to reach superior
accuracy, stability, repeatability, and extremely low noise.
The IIS2ICLX has a selectable full scale of ±0.5/±1/±2/±3 g and is capable of providing the measured
accelerations to the application over an I²C or SPI digital interface.
Its unique set of embedded features (programmable FSM, machine learning core, sensor hub, FIFO, event
decoding, and interrupts) facilitates the implementation of smart and complex sensor nodes that deliver high
accuracy at very low power.
Like the entire portfolio of ST MEMS sensors, the IIS2ICLX leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The
various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces
are developed using CMOS technology that allows the design of a dedicated circuit, which is trimmed to better
match the characteristics of the sensing element.
The IIS2ICLX is available in a high-performance (low-stress) ceramic cavity land grid array (CCLGA) package and
can operate within a temperature range of -40 °C to +105 °C.
Note:
Due to the use of epoxy glue for lid sealing, hermeticity of the package is not guaranteed. Processing or use of
this package in a harsh environment should be assessed by the customer.
IIS2ICLX
Overview
DS13005 - Rev 7
page 3/119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com