Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2ICLX Datasheet(PDF) 1 Page - STMicroelectronics

Part # IIS2ICLX
Description  High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 1 Page - STMicroelectronics

  IIS2ICLX Datasheet HTML 1Page - STMicroelectronics IIS2ICLX Datasheet HTML 2Page - STMicroelectronics IIS2ICLX Datasheet HTML 3Page - STMicroelectronics IIS2ICLX Datasheet HTML 4Page - STMicroelectronics IIS2ICLX Datasheet HTML 5Page - STMicroelectronics IIS2ICLX Datasheet HTML 6Page - STMicroelectronics IIS2ICLX Datasheet HTML 7Page - STMicroelectronics IIS2ICLX Datasheet HTML 8Page - STMicroelectronics IIS2ICLX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
Features
•
2-axis linear accelerometer
•
Selectable full scale: ±0.5/±1/±2/±3 g
•
Ultralow noise performance: 15 µg/√Hz
•
Superior stability over temperature (<0.075 mg/°C) and repeatability
•
Embedded compensation for high stability over temperature
•
I²C/SPI digital output interface
•
Low power: 0.42 mA with 2 axes delivering full performance
•
Sensor hub feature to efficiently collect data from additional external sensors
•
Smart embedded FIFO up to 3 KB
•
Programmable high-pass and low-pass digital filters
•
Programmable machine learning core to integrate AI algorithms and reduce
power consumption at system level
•
Programmable finite state machine to process data from accelerometer and one
external sensor
•
Extended operating temperature range (-40 °C to +105 °C)
•
Embedded temperature sensor
•
Analog supply voltage: 1.71 V to 3.6 V
•
High shock survivability
•
ECOPACK and RoHS compliant
Applications
•
Precision inclinometers
•
Antenna pointing and platform leveling
•
Structural health monitoring
•
Precise leveling instruments
•
Installation and monitoring of equipment
•
Robotics and industrial automation
Description
The IIS2ICLX is a high-accuracy (ultralow noise, high stability, and repeatability) and
low-power, two-axis linear accelerometer with digital output.
The IIS2ICLX has a selectable full scale of ±0.5/±1/±2/±3 g and is capable of
providing the measured accelerations to the application over an I²C or SPI digital
interface.
Its high accuracy, stability over temperature, and repeatability make IIS2ICLX
particularly suitable for inclination measurement applications (inclinometers).
The sensing element is manufactured using a dedicated micromachining process
developed by STMicroelectronics to produce inertial sensors and actuators on silicon
wafers.
The IC interface is manufactured using a CMOS process that allows a high level
of integration to design a dedicated circuit, which is trimmed to better match the
characteristics of the sensing element.
Product status link
IIS2ICLX
Product summary
Order code
IIS2ICLXTR
Temp. range [°C]
-40 to +105
Package
CCLGA-16
(5 x 5 x 1.7 mm)
Packing
Tape and reel
Product resources
AN5509 (IIS2ICLX)
AN5536 (machine learning core)
AN5542 (finite state machine)
AN5551 (tilt sensing)
TN0018 (design and soldering)
Product labels
High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with
embedded machine learning core
IIS2ICLX
Datasheet
DS13005 - Rev 7 - August 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - IIS2ICLX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS2ICLX STMICROELECTRONICS-IIS2ICLX Datasheet
848Kb / 6P
STWIN.box - SensorTile Wireless Industrial Node Development Kit
25-Jan-2023
More results

Similar Description - IIS2ICLX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
VTI technologies
SCA830-D07 VTI-SCA830-D07 Datasheet
107Kb / 6P
1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
logo
STMicroelectronics
IIS2MDC STMICROELECTRONICS-IIS2MDC Datasheet
1Mb / 40P
High-accuracy, ultra-low-power, 3-axis digital output magnetometer
September 2017 Rev 1
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
663Kb / 30P
High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
LSM6DSO32X STMICROELECTRONICS-LSM6DSO32X Datasheet
2Mb / 162P
iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
Rev 1 - March 2021
LSM6DSTX STMICROELECTRONICS-LSM6DSTX Datasheet
5Mb / 175P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
21-Jul-2022
LSM6DSV16BX STMICROELECTRONICS-LSM6DSV16BX Datasheet
4Mb / 148P
iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
06-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
logo
Murata Manufacturing Co...
SCL3400-D01 MURATA-SCL3400-D01 Datasheet
1Mb / 42P
Digital 2-axis inclinometer
Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com