Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSW Datasheet(PDF) 6 Page - STMicroelectronics

Part # ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 2Page - STMicroelectronics ILPS28QSW Datasheet HTML 3Page - STMicroelectronics ILPS28QSW Datasheet HTML 4Page - STMicroelectronics ILPS28QSW Datasheet HTML 5Page - STMicroelectronics ILPS28QSW Datasheet HTML 6Page - STMicroelectronics ILPS28QSW Datasheet HTML 7Page - STMicroelectronics ILPS28QSW Datasheet HTML 8Page - STMicroelectronics ILPS28QSW Datasheet HTML 9Page - STMicroelectronics ILPS28QSW Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Tacc
Temperature absolute accuracy
T= 25 to 65 °C
±1.5
°C
ODRT
Output temperature data rate
1
4
10
25
50
75
100
200
Hz
1. Typical specifications are not guaranteed.
2. The typ. value is defined based on characterization data with 10 hPa pressure interval in mode 1 and 100 hPa pressure
interval in mode 2.
3. Pressure noise RMS evaluated in a controlled environment, based on the average standard deviation of 50 measurements
with AVG = 512, BW = ODR/9.
4. Typ. value is defined considering a 5-year life cycle of the final application.
Table 3. Absolute pressure accuracy at different full-scale modes
Full-scale mode
Condition
Typ. absolute pressure accuracy [hPa]
Mode 1 (full scale up to 1260 hPa)
P = 660 ~ 1260 & T = 0 ~ 65 °C
±1 hPa
P = 660 ~ 1260 & T = -40 ~ 105 °C
±2.5 hPa
Mode 2 (full scale up to 4060 hPa)
P = 1260 ~ 2060 & T = 0 ~ 65 °C
±0.15% of input pressure
P = 1260 ~ 2060 & T = -40 ~ 105 °C
±0.23% of input pressure
P = 2060 ~ 3060 & T = 0 ~ 65 °C
±0.25% of input pressure
P = 2060 ~ 3060 & T = -40 ~ 105 °C
±0.34% of input pressure
P = 3060 ~ 4060 & T = 0 ~ 65 °C
±0.43% of input pressure
P = 3060 ~ 4060 & T = -40 ~ 105 °C
±0.6% of input pressure
ILPS28QSW
Mechanical characteristics
DS13905 - Rev 1
page 6/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com