Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSW Datasheet(PDF) 16 Page - STMicroelectronics

Part # ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 12Page - STMicroelectronics ILPS28QSW Datasheet HTML 13Page - STMicroelectronics ILPS28QSW Datasheet HTML 14Page - STMicroelectronics ILPS28QSW Datasheet HTML 15Page - STMicroelectronics ILPS28QSW Datasheet HTML 16Page - STMicroelectronics ILPS28QSW Datasheet HTML 17Page - STMicroelectronics ILPS28QSW Datasheet HTML 18Page - STMicroelectronics ILPS28QSW Datasheet HTML 19Page - STMicroelectronics ILPS28QSW Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
6.2
FIFO mode
In FIFO mode (FIFO_CTRL (14h)(TRIG_MODES and F_MODE[1:0] = 001) data from the output
PRESS_OUT_XL (28h), PRESS_OUT_L (29h), and PRESS_OUT_H (2Ah) are stored in the FIFO until it is full.
To reset FIFO content, in order to select bypass mode the value 000 must be written in FIFO_CTRL (14h)
(TRIG_MODE & F_MODE[1:0]). After this reset command it is possible to restart FIFO mode by writing the value
001 in FIFO_CTRL (14h)(TRIG_MODE & F_MODE[1:0]).
The FIFO buffer memorizes 128 levels of data, but the depth of the FIFO can be resized/reduced by setting
the FIFO_CTRL (14h)(STOP_ON_WTM) bit. If the STOP_ON_WTM bit is set to 1, FIFO depth is limited to
FIFO_WTM (15h)(WTM[6:0]) data.
Figure 9. FIFO mode
P1
P2
Pi
P0
P127
ILPS28QSW
FIFO mode
DS13905 - Rev 1
page 16/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com