Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSW Datasheet(PDF) 24 Page - STMicroelectronics

Part # ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 20Page - STMicroelectronics ILPS28QSW Datasheet HTML 21Page - STMicroelectronics ILPS28QSW Datasheet HTML 22Page - STMicroelectronics ILPS28QSW Datasheet HTML 23Page - STMicroelectronics ILPS28QSW Datasheet HTML 24Page - STMicroelectronics ILPS28QSW Datasheet HTML 25Page - STMicroelectronics ILPS28QSW Datasheet HTML 26Page - STMicroelectronics ILPS28QSW Datasheet HTML 27Page - STMicroelectronics ILPS28QSW Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
8
Digital interfaces
8.1
Serial interfaces
The registers embedded in the ILPS28QSW may be accessed through the I²C, MIPI I3CSM serial interfaces.
Table 12. Serial interface pin description
Pin name
Pin description
SCL
I²C / MIPI I3CSM serial clock (SCL)
SDA
I²C / MIPI I3CSM serial data (SDA)
8.2
I²C serial interface
The ILPS28QSW I²C is a bus slave. The I²C is employed to write data into registers whose content can also be
read back.
The relevant I²C terminology is given in the following table.
Table 13. I²C terminology
Term
Description
Transmitter
The device that sends data to the bus
Receiver
The device that receives data from the bus
Master
The device that initiates a transfer, generates clock signals, and terminates a transfer
Slave
The device addressed by the master
There are two signals associated with the I²C bus: the serial clock line (SCL) and the serial data line (SDA). The
latter is a bidirectional line used for sending and receiving the data to/from the interface. Both lines have to be
connected to VDD through pull-up resistors.
The I²C interface is compliant with fast mode plus (1 MHz) I²C standards as well as with the normal mode.
8.2.1
I²C operation
The transaction on the bus is started through a start (ST) signal. A start condition is defined as a high to low
transition on the data line while the SCL line is held high. After the master has transmitted this, the bus is
considered busy. The next data byte transmitted after the start condition contains the address of the slave in the
first 7 bits and the eighth bit tells whether the master is receiving data from the slave or transmitting data to the
slave. When an address is sent, each device in the system compares the first seven bits after a start condition
with its address. If they match, the device considers itself addressed by the master.
The 7-bit slave address (SAD) associated to the ILPS28QSW is 1011100b = 5Ch.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line low so that it remains stable low during the high period of the
acknowledge clock pulse. A receiver which has been addressed is obliged to generate an acknowledge after each
byte of data received.
The I²C embedded inside the ASIC behaves like a slave device and the following protocol must be adhered
to. After the start condition (ST) a slave address is sent, once a slave acknowledge has been returned (SAK),
an 8-bit subaddress is transmitted (SUB). The IF_ADD_INC bit in CTRL_REG2 (11h) enables subaddress auto
increment (IF_ADD_INC is 1 by default), so if IF_ADD_INC = 1 the SUB (subaddress) is automatically increased
to allow multiple data read/write.
The slave address is completed with a read/write bit. If the bit is 1 (read), a repeated start (SR) condition
must be issued after the two subaddress bytes; if the bit is 0 (write) the master transmits to the slave with
direction unchanged. Table 14 explains how the SAD+read/write bit pattern is composed, listing all the possible
configurations.
ILPS28QSW
Digital interfaces
DS13905 - Rev 1
page 24/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com