Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS28QSW Datasheet(PDF) 22 Page - STMicroelectronics

Part # ILPS28QSW
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS28QSW Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ILPS28QSW Datasheet HTML 18Page - STMicroelectronics ILPS28QSW Datasheet HTML 19Page - STMicroelectronics ILPS28QSW Datasheet HTML 20Page - STMicroelectronics ILPS28QSW Datasheet HTML 21Page - STMicroelectronics ILPS28QSW Datasheet HTML 22Page - STMicroelectronics ILPS28QSW Datasheet HTML 23Page - STMicroelectronics ILPS28QSW Datasheet HTML 24Page - STMicroelectronics ILPS28QSW Datasheet HTML 25Page - STMicroelectronics ILPS28QSW Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
The metal lid is physically connected to pin 7 at component level and pin 7 can be used to connect the metal lid
either to GND or left unconnected (floating) on the PCB of the application. The following table indicates the two
cases of the metal LID connection. It is highly recommended that pin 7 be soldered to the PCB (left unconnected
electrically) or soldered to GND to enhance the solderability of the device.
Table 11. Metal lid and pin 7 connections
Metal lid
Pin 7 connection to PCB(1)
Leave unconnected (floating)
Electrically leave unconnected (floating)
Connect to GND
Electrically connect to GND
1. Pin 7 should be soldered to the PCB to improve the solderability of the device.
Note:
To guarantee proper power-off of the device, it is recommended to maintain the duration of the VDD line to GND
for at least 10 ms.
Figure 16. ILPS28QSW power-off sequence
VDD
Time
VDD rise / fall time : 10 µs ~ 100 ms
VDD must be lower than 0.7 V for at least 10 ms during power-off sequence for correct POR
0.7 V
Min.10 ms
7.1
Analog hub (AH) / Qvar functions
The ILPS28QSW embeds an analog hub sensing functionality that is able to connect an analog input and convert
it to a digital signal as output. In addition, Qvar sensing with external electrodes can be used for user interfaces
like water-leak detection, tap, double tap, long press, and L/R - R/L swipe. Refer to application note AN5755 for
additional details.
The input impedance between AH/QVAR1 (pin 2) and AH/QVAR2 (pin 4) of ILPS28QSW depends on the AVG
and ODR configuration in Table 6. Input impedance of Qvar.
7.2
Power-saving tip for the pressure sensor, disabling the analog hub (AH) / Qvar
feature
The analog hub (AH) / Qvar feature is enabled by default and this feature causes slightly higher power
consumption during operating and power-down modes to support the AH/Qvar functions. Thus, it is
recommended to use the following procedure to save power consumption in case the application doesn't need the
AH/Qvar feature.
How to save power consumption? First of all, AH1/QVAR1 (pin 2) and AH2/QVAR2 (pin 4) must be connected
to GND on the PCB (hardware design). Second, the application must write 00h in the 5Fh register whenever the
application is powered on. Following this procedure, the device operates only in pressure sensor mode, disabling
AH/Qvar to achieve lower power consumption as described in Table 4. Electrical characteristics.
ILPS28QSW
Analog hub (AH) / Qvar functions
DS13905 - Rev 1
page 22/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com