Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985A Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4985A
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4985A Datasheet HTML 2Page - STMicroelectronics L4985A Datasheet HTML 3Page - STMicroelectronics L4985A Datasheet HTML 4Page - STMicroelectronics L4985A Datasheet HTML 5Page - STMicroelectronics L4985A Datasheet HTML 6Page - STMicroelectronics L4985A Datasheet HTML 7Page - STMicroelectronics L4985A Datasheet HTML 8Page - STMicroelectronics L4985A Datasheet HTML 9Page - STMicroelectronics L4985A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
3
Electrical data
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VCC
1
Supply voltage
-0.3 to 30
V
ICC
1
Maximum supply current
0 to 25
mA
GD
2
Gate driver
-0.3 to VCC
V
CS
4
Current sense
-10 to 3.6
V
FB
5
Input feedback (IFB < 1 mA)
-0.3 to self-limited
V
COMP
6
OTA output
-0.3 to 6
V
HV
8
Line voltage input (referred to GND)
-1 to 800
V
Table 3. Recommended operating conditions.
Symbol
Pin
Parameter
Min.
Max.
Unit
Remarks
VCC
1
IC supply voltage
-0.3
24.5
V
Internal clamp at 24.5 V min.
CS
4
Current sense input
-10
3.3
V
FB
5
Feedback input
-0.3
3.0
V
Internal clamp at 3 V min.
COMP
6
OTA output
-0.3
5.3
V
Values referred to an externally forced
condition
HV
8
High voltage input
-1
600
V
3.2
Thermal data
Table 4. Thermal data
Symbol
Parameter
Max. value
Unit
Rth j-amb
Thermal resistance, junction-to-ambient
150
°C/W
Ptot
Power dissipation @Tamb = 50 °C
0.65
W
Tj
Junction temperature operating range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
L4985
Electrical data
DS13769 - Rev 3
page 6/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com