Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985A Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4985A
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985A Datasheet(HTML) 2 Page - STMicroelectronics

  L4985A Datasheet HTML 1Page - STMicroelectronics L4985A Datasheet HTML 2Page - STMicroelectronics L4985A Datasheet HTML 3Page - STMicroelectronics L4985A Datasheet HTML 4Page - STMicroelectronics L4985A Datasheet HTML 5Page - STMicroelectronics L4985A Datasheet HTML 6Page - STMicroelectronics L4985A Datasheet HTML 7Page - STMicroelectronics L4985A Datasheet HTML 8Page - STMicroelectronics L4985A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Product label
In addition to an overvoltage protection able to keep the output voltage under
control during transient conditions, the IC is provided also with a protection against
feedback loop failures or erroneous settings and boost inductor saturation. The
brownout protection function allows to design medical equipment according to the
latest regulations driven by IEC 60601-1-2 which requires the output regulation in
case of mains dips lasting up to 500 msec. Soft-start limits the peak current.
The totem-pole output stage, capable of 0.7 A source and 1.5 A sink current, is
suitable for big MOSFET or IGBT drives.
L4985
DS13769 - Rev 3
page 2/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com