Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4985A
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4985A Datasheet HTML 4Page - STMicroelectronics L4985A Datasheet HTML 5Page - STMicroelectronics L4985A Datasheet HTML 6Page - STMicroelectronics L4985A Datasheet HTML 7Page - STMicroelectronics L4985A Datasheet HTML 8Page - STMicroelectronics L4985A Datasheet HTML 9Page - STMicroelectronics L4985A Datasheet HTML 10Page - STMicroelectronics L4985A Datasheet HTML 11Page - STMicroelectronics L4985A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
TDB_ACBI
Brown-in debounce time
First time VCC > VCC_ON
0.8
1
1.2
ms
32
40
48
ms
X-CAPACITOR DISCHARGE FUNCTION
VHV_MIN
Peak residual voltage
IHV_DIS > 5 mA
45
V
IHV_DIS
Discharge current
VHV = 45 V
5
mA
TDECT_XCAP
Detection time
51
64
77
ms
ERROR AMPLIFIER
VREF
Voltage feedback input threshold
Tj = 25 °C
2.47
2.5
2.53
V
10 V < VCC < 24.5 V(1)
2.45
2.57
V
IFB
Input bias current
VFB = 0 to 3 V
-0.1
0
0.1
µA
VFBCLAMP
Internal clamp level
IFB = 1 mA
3.0
3.3
V
gm
Transconductance gain
VREF -150 mV < VFB < VREF +150 mV
160
200
240
µS
RO
Output impedance
5
MΩ
ICOMP
Source current
VCOMP = 3 V, VFB=1.9 V
0.7
1
1.45
mA
Sink current
VCOMP = 3 V, VFB=3.0 V
0.7
1
1.45
mA
VCOMP
Upper saturation voltage
ISOURCE = 0.2 mA
5.0
V
Lower clamp voltage
VFB = 3.0 V
0.8
0.9
DYNAMIC (D_OVP) and STATIC (S_OVP) OVERVOLTAGE PROTECTIONS
VCOMP_S
Burst mode threshold
S_OVP (Static OVP)
Voltage falling(1)
0.95
1.00
1.05
V
VCOMP_R
Restart threshold
after S_OVP
Voltage rising(1)
1
1.05
1.1
V
VFB_S
D_OVP disable threshold
10 V < VCC < 24.5 V
2.595
2.675
2.755
V
VFB_R
Restart threshold
after D_OVP
10 V < VCC < 24.5 V
2.44
2.55
2.65
V
DISABLE
VCOMP_DIS
Disable threshold
Voltage falling(1)
0.65
0.7
0.75
V
VCOMP_EN
Enable threshold
Voltage rising(1)
0.85
0.9
0.95
V
ICOMP_DIS
Pull-up current at disable
8
12
16
µA
CURRENT SENSING
ICS
Leakage bias current
VCS = -0.5 V
15
21
µA
VCS = 0.235 V
7.5
10
14
µA
VCS_OFS
CS level shifter offset
CS = 0 V
3
10
17
mV
VCS_GAIN
CS level shifter gain
C = -0.5 V
0.94
0.98
1.02
V/V
VCS_OCP1
1st level overcurrent threshold
-510
-490
-470
mV
TSS_OCP1
1st level OCP threshold ramp
up time
104
130
156
ms
TBLK
Leading edge blanking
HV > 73 V rising
120
150
180
ns
HV < 45 V falling
235
310
385
ns
td(H-L)
Delay to output
110
ns
VCS_OCP2
2nd level overcurrent threshold
-0.80
-0.75
-0.70
V
VCS_ZCD
Zero current threshold
-15
-10
-5
mV
L4985
Electrical characteristics
DS13769 - Rev 3
page 8/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com