Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985A Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4985A
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4985A Datasheet HTML 5Page - STMicroelectronics L4985A Datasheet HTML 6Page - STMicroelectronics L4985A Datasheet HTML 7Page - STMicroelectronics L4985A Datasheet HTML 8Page - STMicroelectronics L4985A Datasheet HTML 9Page - STMicroelectronics L4985A Datasheet HTML 10Page - STMicroelectronics L4985A Datasheet HTML 11Page - STMicroelectronics L4985A Datasheet HTML 12Page - STMicroelectronics L4985A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CURRENT SENSE DISCONNECTION
VCSD
Current sense disconnection
threshold
Voltage rising
165
200
235
mV
TCSD_DB
Disconnection
debounce time
8
10
12
µs
EQUIVALENT MULTIPLIER
KM
Equivalent multiplier gain
VHVPK < 200 V(1)
0.405
0.44
0.475
V/V
VHVPK > 235 V(1)
0.092
0.10
0.108
V/V
THD CCM-OPTIMIZER
KCCM
0.51
0.55
0.59
H
FEEDBACK FAILURE PROTECTION/EXTERNAL BURST MODE (EBM)
VFB_FF/EBM
Feedback failure protection
(on FB) / External burst mode
threshold
Voltage falling(1)
460
500
540
mV
Hysteresis
50
mV
TFF/EBM_DB
FFP/EBM debounce time
1.25
1.8
2.35
µs
IFB_EBM
FB current during EBM
VFB < VFB_FF/EBM
70
100
135
µA
FB current at exit EBM
VFB_FF/EBM < VFB < VREF
0.75
1
1.25
mA
SWITCHING FREQUENCY
FSW
Switching frequency
(L4985A)
TON = 9µs, VHVPK < 200 V
60
65
71
kHz
TON = 3µs, VHVPK > 235 V
Switching frequency
(L4985B)
TON = 4.5µs, VHVPK < 200 V
120
130
142
kHz
TON = 1.5µs, VHVPK > 235 V
MAXIMUM ON-TIME
TON_MAX
Maximum on-time
L4985A
32
40
50
µs
L4985B
16
20
26
µs
MINIMUM OFF-TIME
TOFF_MIN
Minimum off-time
L4985A
0.75
1.0
1.35
µs
L4985B
0.35
0.5
0.75
µs
GATE DRIVER
VOL
Output low voltage
Isink = 200 mA
0.7
V
Isink = 5 mA
0.02
V
VOH
Output high voltage
15V<VCC<24.5 V, Isource = 5 mA
11
12
13
V
VCC = 9 V, Isource = 5 mA
7.85
V
Isrcpk
Peak source current
-0.7
A
Isnkpk
Peak sink current
1.5
A
tf
Voltage fall time
VGD from 8 V to 1 V
3
7
15
ns
tr
Voltage rise time
VGD from 1 V to 8 V
5
10
15
ns
UVLO saturation
VCC = 0 V to VCC_ON, Isink = 1 mA
1.1
V
1. Parameters tracking each other.
2. The VCC pin is self-limited by an internal clamp when the device is in switching modality.
3. Equivalent to just before burst-mode condition.
4. Equivalent to full-load condition.
L4985
Electrical characteristics
DS13769 - Rev 3
page 9/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com