Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0786 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATR0786
Description  High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0786 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATR0786 Datasheet HTML 4Page - ATMEL Corporation ATR0786 Datasheet HTML 5Page - ATMEL Corporation ATR0786 Datasheet HTML 6Page - ATMEL Corporation ATR0786 Datasheet HTML 7Page - ATMEL Corporation ATR0786 Datasheet HTML 8Page - ATMEL Corporation ATR0786 Datasheet HTML 9Page - ATMEL Corporation ATR0786 Datasheet HTML 10Page - ATMEL Corporation ATR0786 Datasheet HTML 11Page - ATMEL Corporation ATR0786 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
ATR0786
4587B–SIGE–02/03
Figure 13. Demo Board Schematic
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
5V
Lfil
Vcc
C5
C3
Vcc
C4
Vcc
C20
Vcc
C21
C1
Vcc
LOin
T9
RFout
C7
T2
IFin
C9
C12
C11
T11
C30
IC1
J3
J4
J5
C6
Bill of Material of Demo Board
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Highly linear active mixer
Atmel
ATR0786
16-pin TSSOP
Capacitor
C7, C9
100 pF
0603
Capacitor
C1, C3, C20, C21, C30
6.8 pF
0603
Capacitor
C11, C12
4.7 pF
0603
Capacitor
C4, C5
3.3 pF
0603
Inductor
Lfil
Würth Elektronik
74476401
1 µH
1210
Capacitor
C6
1.2 pF
0603
Transformer
T9, T11
Panasonic
EHF-FD1619
Transformer
T2
Mini-Circuits®
TC1-1
RF connector
Johnson
Components
142-0701-851
SMA
Note:
1. Other sizes are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com