Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0786 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0786
Description  High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0786 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0786 Datasheet HTML 1Page - ATMEL Corporation ATR0786 Datasheet HTML 2Page - ATMEL Corporation ATR0786 Datasheet HTML 3Page - ATMEL Corporation ATR0786 Datasheet HTML 4Page - ATMEL Corporation ATR0786 Datasheet HTML 5Page - ATMEL Corporation ATR0786 Datasheet HTML 6Page - ATMEL Corporation ATR0786 Datasheet HTML 7Page - ATMEL Corporation ATR0786 Datasheet HTML 8Page - ATMEL Corporation ATR0786 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Features
• Active Mixer with Conversion Gain
• Integrated LO and IF Drivers
• Excellent Linearity
• Broadband 50 W Impedance on all Ports
• Low LO-RF Leakage
• Differential or Single Ended Inputs
Benefits
• Small and Thin 16-pin SSOP Package with Exposed Paddle
• Few External Components
• Fully ESD Protected
Application
• DCS/PCS/TDMA and CDMA2000 Transmitter
• Other Digital Communication Applications
• High Performance RF Instrumentation
Description
The ATR0786 is a high linearity active mixer which is manufactured using Atmel´s
advanced Silicon Germanium technology for the use in a variety of high performance
requiring RF systems such as digital communications.
This mixer features a frequency range of 1800 MHz to 2100 MHz. It operates from a
single 5 V supply and provides 16 dB of conversion gain while requiring only 0 dBm
input to the integrated LO driver. An IF and an LO amplifier is also included.
The ATR0786 incorporates internal matching on each RF, IF and LO port to enhance
ease of use and to reduce the external components required. The RF and LO inputs
can be driven differentially or single ended.
Figure 1. Block Diagram
RF_Out+
RF_Out-
LO_IN+
LO_IN-
IF_IN+
IF_IN-
8
9
4
5
13
12
High Linearity
Active Transmit
Mixer for
1800 MHz to
2100 MHz
ATR0786
Rev. 4587B–SIGE–02/03


Similar Part No. - ATR0786

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0787 ATMEL-ATR0787 Datasheet
184Kb / 12P
High Linearity Active Transmit Mixer for 2100 MHz to 2500 MHz
More results

Similar Description - ATR0786

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
logo
Stanford Microdevices
STM-2016 STANFORD-STM-2016 Datasheet
134Kb / 7P
1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
logo
List of Unclassifed Man...
STM-3116 ETC1-STM-3116 Datasheet
187Kb / 6P
2100 - 2500 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
1800 - 2100 MHz High Linearity Active Transmit Mixer
logo
ATMEL Corporation
ATR0787 ATMEL-ATR0787 Datasheet
184Kb / 12P
High Linearity Active Transmit Mixer for 2100 MHz to 2500 MHz
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
1700 - 2300 MHz High Linearity Active Receive Mixer
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
STM-3116 SIRENZA-STM-3116 Datasheet
181Kb / 6P
2100 - 2500 MHz High Linearity Active Transmit Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com