Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0786 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR0786
Description  High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0786 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR0786 Datasheet HTML 1Page - ATMEL Corporation ATR0786 Datasheet HTML 2Page - ATMEL Corporation ATR0786 Datasheet HTML 3Page - ATMEL Corporation ATR0786 Datasheet HTML 4Page - ATMEL Corporation ATR0786 Datasheet HTML 5Page - ATMEL Corporation ATR0786 Datasheet HTML 6Page - ATMEL Corporation ATR0786 Datasheet HTML 7Page - ATMEL Corporation ATR0786 Datasheet HTML 8Page - ATMEL Corporation ATR0786 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ATR0786
4587B–SIGE–02/03
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltages, no RF applied
VCC
-0.5 to +5.5
V
LO input signals
LO_IN-; LO_IN+
+10.0
dBm
IF input signals
IF_IN-; IF_IN+
+10.0
dBm
Operating case temperature
T
C
-40 to +85
°C
Storage temperature
TSTG
-55 to +150
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
25
K/W
Electrical Characteristics
Test conditions: Unless otherwise noted, the following conditions apply to typical performance specification under static
conditions: VCC = +5.0 V, Tamb = 25°C; PLO = 0 dBm; IF = 200 MHz; PIF = -20 dBm
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
General Performance
Supply voltage
VCC
4.75
5.0
5.25
V
Supply current
ICC
200
mA
LO drive
Matched to 50
W
-3
0
+3
dBm
LO, IF, RF return loss
Matched to 50
W
14
dB
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
RF Electrical Characteristics (1800 MHz to 2000 MHz)
Test conditions: Unless otherwise noted, the following conditions apply to typical performance specification under static
conditions: VCC = +5.0 V, Tamb = 25°C; PLO = 0 dBm; IF = 200 MHz; PIF = -20 dBm
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
Mixer RF Performance
RF frequency
fRF
1800
2000
MHz
LO frequency
fLO
1600
1800
MHz
IF frequency
fIF
30
200
400
MHz
Conversion gain
G
15
17
19
dB
SSB noise figure
NF
9.5
11.0
dB
Output IP3
IF1 = IF2 =
-20 dBm/tone,
1 MHz spacing
OIP3
20
24
dBm
Output P1dB
P1dB
8
11
dBm
Leakage (LO-RF)
-20
-10
dBm
Leakage (LO-IF)
-45
-35
dBm
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com