Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0786 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATR0786
Description  High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0786 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATR0786 Datasheet HTML 4Page - ATMEL Corporation ATR0786 Datasheet HTML 5Page - ATMEL Corporation ATR0786 Datasheet HTML 6Page - ATMEL Corporation ATR0786 Datasheet HTML 7Page - ATMEL Corporation ATR0786 Datasheet HTML 8Page - ATMEL Corporation ATR0786 Datasheet HTML 9Page - ATMEL Corporation ATR0786 Datasheet HTML 10Page - ATMEL Corporation ATR0786 Datasheet HTML 11Page - ATMEL Corporation ATR0786 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
ATR0786
4587B–SIGE–02/03
Recommended Package Footprint
Notes: 1. Only ground signal traces are allowed directly under the package
2. Primary dimensions are in millimeter alternate dimensions are in inches
Remark: Heatslug must be soldered to GND!
Plugging of the ground vias under the heat slug is also recommended to avoid soldering problems.
3.0
3.0
0.25
1.25
6.9
0.74
0.74
0.7
0.9
0.4
f0.33 via
- Indicates metalization
- vias connect pad to underlying ground plane
all units are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com