Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C554 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 41Page - NXP Semiconductors 87C554 Datasheet HTML 42Page - NXP Semiconductors 87C554 Datasheet HTML 43Page - NXP Semiconductors 87C554 Datasheet HTML 44Page - NXP Semiconductors 87C554 Datasheet HTML 45Page - NXP Semiconductors 87C554 Datasheet HTML 46Page - NXP Semiconductors 87C554 Datasheet HTML 47Page - NXP Semiconductors 87C554 Datasheet HTML 48Page - NXP Semiconductors 87C554 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
45
Table 7.
Master Receiver Mode
STATUS
STATUS OF THE I2C
APPLICATION SOFTWARE RESPONSE
STATUS
CODE
(S1STA)
STATUS OF THE I2C
BUS AND
SIO1 HARDWARE
TO/FROM S1DAT
TO S1CON
NEXT ACTION TAKEN BY SIO1 HARDWARE
(S1STA)
SIO1 HARDWARE
TO/FROM S1DAT
STA
STO
SI
AA
08H
A START condition has
been transmitted
Load SLA+R
X
0
0
X
SLA+R will be transmitted;
ACK bit will be received
10H
A repeated START
diti
h
b
Load SLA+R or
X
0
0
X
As above
condition has been
transmitted
Load SLA+W
X
0
0
X
SLA+W will be transmitted;
SIO1 will be switched to MST/TRX mode
38H
Arbitration lost in
NOT ACK bit
No S1DAT action or
0
0
0
X
I2C bus will be released;
SIO1 will enter a slave mode
No S1DAT action
1
0
0
X
A START condition will be transmitted when the
bus becomes free
40H
SLA+R has been
transmitted; ACK has
bi
d
No S1DAT action or
0
0
0
0
Data byte will be received;
NOT ACK bit will be returned
been received
no S1DAT action
0
0
0
1
Data byte will be received;
ACK bit will be returned
48H
SLA+R has been
t
itt d NOT ACK
No S1DAT action or
1
0
0
X
Repeated START condition will be transmitted
transmitted; NOT ACK
has been received
no S1DAT action or
0
1
0
X
STOP condition will be transmitted;
STO flag will be reset
no S1DAT action
1
1
0
X
STOP condition followed by a
START condition will be transmitted;
STO flag will be reset
50H
Data byte has been
received; ACK has been
d
Read data byte or
0
0
0
0
Data byte will be received;
NOT ACK bit will be returned
returned
read data byte
0
0
0
1
Data byte will be received;
ACK bit will be returned
58H
Data byte has been
i
d NOT ACK h
Read data byte or
1
0
0
X
Repeated START condition will be transmitted
received; NOT ACK has
been returned
read data byte or
0
1
0
X
STOP condition will be transmitted;
STO flag will be reset
read data byte
1
1
0
X
STOP condition followed by a
START condition will be transmitted;
STO flag will be reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com