Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C554 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 23Page - NXP Semiconductors 87C554 Datasheet HTML 24Page - NXP Semiconductors 87C554 Datasheet HTML 25Page - NXP Semiconductors 87C554 Datasheet HTML 26Page - NXP Semiconductors 87C554 Datasheet HTML 27Page - NXP Semiconductors 87C554 Datasheet HTML 28Page - NXP Semiconductors 87C554 Datasheet HTML 29Page - NXP Semiconductors 87C554 Datasheet HTML 30Page - NXP Semiconductors 87C554 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
27
10-Bit ADC Resolution and Analog Supply: Figure 24 shows how
the ADC is realized. The ADC has its own supply pins (AVDD and
AVSS) and two pins (Vref+ and Vref–) connected to each end of the
DAC’s resistance-ladder. The ladder has 1023 equally spaced taps,
separated by a resistance of “R”. The first tap is located 0.5 x R
above Vref–, and the last tap is located 1.5 x R below Vref+. This
gives a total ladder resistance of 1024 x R. This structure ensures
that the DAC is monotonic and results in a symmetrical quantization
error as shown in Figure 26.
For input voltages between Vref– and (Vref–) + 1/2 LSB, the 10-bit
result of an A/D conversion will be 00 0000 0000B = 000H. For input
voltages between (Vref+) – 3/2 LSB and Vref+, the result of a
conversion will be 11 1111 1111B = 3FFH. AVref+ and AVref– may
be between AVDD + 0.2 V and AVSS – 0.2 V. AVref+ should be
positive with respect to AVref–, and the input voltage (Vin) should be
between AVref+ and AVref–. If the analog input voltage range is from
2 V to 4 V, then 10-bit resolution can be obtained over this range if
AVref+ = 4 V and AVref– = 2 V.
The result can always be calculated from the following formula:
Result
+ 1024
V
IN * AVref
*
AV
ref
) * AVref*
Power Reduction Modes
The 8xC554 has two reduced power modes of operation: the idle
mode and the power-down mode. These modes are entered by
setting bits in the PCON special function register. When the 8xC554
enters the idle mode, the following functions are disabled:
CPU
(halted)
Timer T2
(halted and reset)
PWM0, PWM1
(reset; outputs are high)
ADC
(may be enabled for operation in Idle mode
by setting bit AIDC (AUXR1.6) ).
In idle mode, the following functions remain active:
Timer 0
Timer 1
Timer T3
SIO0 SIO1
External interrupts
When the 8xC554 enters the power-down mode, the oscillator is
stopped. The power-down mode is entered by setting the PD bit in
the PCON register. The PD bit can only be set if the EW input is tied
HIGH.
SUCCESSIVE
APPROXIMATION
CONTROL LOGIC
SUCCESSIVE
APPROXIMATION
REGISTER
+
–
DECODER
MSB
COMPARATOR
LSB
START
READY
AVref+
AVref–
R/2
R
R
R
R
R
R/2
TOTAL RESISTANCE
=
1023R + 2 x R/
=
1024R
Vref
Vin
1023
1022
1021
3
2
1
0
Value 0000 0000 00
is output for voltages Vref– to (Vref– + 1/2 LSB)
Value 1111 1111 11
is output for voltages (Vref+ – 3/2 LSB) to Vref+
SU00961
Figure 24. ADC Realization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com