Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C554 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 14Page - NXP Semiconductors 87C554 Datasheet HTML 15Page - NXP Semiconductors 87C554 Datasheet HTML 16Page - NXP Semiconductors 87C554 Datasheet HTML 17Page - NXP Semiconductors 87C554 Datasheet HTML 18Page - NXP Semiconductors 87C554 Datasheet HTML 19Page - NXP Semiconductors 87C554 Datasheet HTML 20Page - NXP Semiconductors 87C554 Datasheet HTML 21Page - NXP Semiconductors 87C554 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
18
INT
INT
CT0
CT1
CT2
CT3
CTI0
INT
CT0I
CTI1
CT1I
CTI2
CT2I
CTI3
CT3I
1/6
Prescaler
T2 Counter
8-bit overflow interrupt
16-bit overflow interrupt
External reset
enable
off
fosc
T2
RT2
T2ER
COMP
CMO (S)
INT
COMP
CM1 (R)
INT
COMP
CM2 (T)
INT
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
R
R
R
R
R
R
T
T
S
S
S
S
S
S
TG
TG
STE
RTE
I/O port 4
S
=
set
R
=
reset
T
=
toggle
TG =
toggle status
INT
TML2
=
lower 8 bits
TMH2
=
higher 8 bits
T2 SFR address:
SU01447
Figure 13. Block Diagram of Timer 2
Capture Logic: The four 16-bit capture registers that Timer T2 is
connected to are: CT0, CT1, CT2, and CT3. These registers are
loaded with the contents of Timer T2, and an interrupt is requested
upon receipt of the input signals CT0I, CT1I, CT2I, or CT3I. These
input signals are shared with port 1. The four interrupt flags are in
the Timer T2 interrupt register (TM2IR special function register). If
the capture facility is not required, these inputs can be regarded as
additional external interrupt inputs.
Using the capture control register CTCON (see Figure 14), these
inputs may capture on a rising edge, a falling edge, or on either a
rising or falling edge. The inputs are sampled during S1P1 of each
cycle. When a selected edge is detected, the contents of Timer T2
are captured at the end of the cycle.
Measuring Time Intervals Using Capture Registers: When a
recurring external event is represented in the form of rising or falling
edges on one of the four capture pins, the time between two events
can be measured using Timer T2 and a capture register. When an
event occurs, the contents of Timer T2 are copied into the relevant
capture register and an interrupt request is generated. The interrupt
service routine may then compute the interval time if it knows the
previous contents of Timer T2 when the last event occurred. With a
12 MHz oscillator, Timer T2 can be programmed to overflow every
524 ms. When event interval times are shorter than this, computing
the interval time is simple, and the interrupt service routine is short.
For longer interval times, the Timer T2 extension routine may be
used.
Compare Logic: Each time Timer T2 is incremented, the contents
of the three 16-bit compare registers CM0, CM1, and CM2 are
compared with the new counter value of Timer T2. When a match is
found, the corresponding interrupt flag in TM2IR is set at the end of
the following cycle. When a match with CM0 occurs, the controller
sets bits 0-5 of port 4 if the corresponding bits of the set enable
register STE are at logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com