Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C554 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # 87C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C554 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button 87C554 Datasheet HTML 55Page - NXP Semiconductors 87C554 Datasheet HTML 56Page - NXP Semiconductors 87C554 Datasheet HTML 57Page - NXP Semiconductors 87C554 Datasheet HTML 58Page - NXP Semiconductors 87C554 Datasheet HTML 59Page - NXP Semiconductors 87C554 Datasheet HTML 60Page - NXP Semiconductors 87C554 Datasheet HTML 61Page - NXP Semiconductors 87C554 Datasheet HTML 62Page - NXP Semiconductors 87C554 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
59
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 80, Previously addressed with own SLA. DATA received, ACK returned.
! ACTION : Read DATA.
!
IF received DATA was the last
!
THEN superfluous DATA will be received and NOT ACK returned
ELSE next DATA will be received and ACK returned.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
srs80
.base
0x180
0180
75D018
mov
psw,#SELRB3
0183
A6DA
mov
@r0,S1DAT
! Read received DATA
0185
01D8
ajmp REC2
.sect
srs80s
.base
0xd8
00D8
D906
REC2:
djnz
r1,NOTLDAT3
00DA
75D8C1
LDAT:
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_NOTAA_CR0
! clr SI,AA
00DD
D0D0
pop
psw
00DF
32
reti
00E0
75D8C5
NOTLDAT3:
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI, set AA
00E3
08
inc
r0
00E4
D0D0
RETsr:
pop
psw
00E6
32
reti
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 88, Previously addressed with own SLA. DATA received NOT ACK returned.
! ACTION : No save of DATA, Enter NOT addressed SLV mode.
!
Recognition of own SLA. General call recognized, if S1ADR. 0–1.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
srs88
.base
0x188
0188
75D8C5
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI, set AA
018B
01E4
ajmp RETsr
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 90, Previously addressed with general call.
!
DATA has been received, ACK has been returned.
! ACTION : Read DATA.
After General call only one byte will be received with ACK
!
the second DATA will be received with NOT ACK.
!
DATA will be received and NOT ACK returned.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
srs90
.base
0x190
0190
75D018
mov
psw,#SELRB3
0193
A6DA
mov
@r0,S1DAT
! Read received DATA
0195
01DA
ajmp LDAT
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 98, Previously addressed with general call.
!
DATA has been received, NOT ACK has been returned.
! ACTION : No save of DATA, Enter NOT addressed SLV mode.
Recognition of own SLA. General call recognized, if S1ADR. 0–1.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
srs98
.base
0x198
0198
75D8C5
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI, set AA
019B
D0D0
pop
psw
019D
32
reti



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com