Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8302AMILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 8302AMILF
Description  LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8302AMILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  8302AMILF Datasheet HTML 1Page - Renesas Technology Corp 8302AMILF Datasheet HTML 2Page - Renesas Technology Corp 8302AMILF Datasheet HTML 3Page - Renesas Technology Corp 8302AMILF Datasheet HTML 4Page - Renesas Technology Corp 8302AMILF Datasheet HTML 5Page - Renesas Technology Corp 8302AMILF Datasheet HTML 6Page - Renesas Technology Corp 8302AMILF Datasheet HTML 7Page - Renesas Technology Corp 8302AMILF Datasheet HTML 8Page - Renesas Technology Corp 8302AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
8302I Data Sheet
©2016 Integrated Device Technology, Inc
Revision A March 4, 2016
4
TABLE 4B. AC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
TABLE 3D. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
DD + 0.3
V
V
IL
Input Low Voltage
-0.3
1.3
V
I
IH
Input High Current
CLK
V
DD = VIN = 3.465V
150
µA
I
IL
Input Low Current
CLK
V
DD = 3.465V, VIN = 0V
-5
µA
V
OH
Output High Voltage
50
Ω to V
DDO/2
1.8
V
I
OH = -100µA
2.2
V
V
OL
Output Low Voltage
50
Ω to V
DDO/2
0.5
V
I
OL = 100µA
0.2
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
200
MHz
tp
LH
Propagation Delay, Low-to-High; NOTE 1
ƒ
≤ 200MHz
2.3
3.3
ns
tsk(o)
Output Skew; NOTE 2, 4
110
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
250
800
ps
t
R
Output Rise Time
20% to 80%
250
650
ps
t
F
Output Fall Time
20% to 80%
250
650
ps
odc
Output Duty Cycle
ƒ
≤ 133MHz
45
55
%
133MHz < ƒ
≤ 200MHz
40
60
%
See Table 4A above for notes.
TABLE 4A. AC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
200
MHz
tp
LH
Propagation Delay, Low-to-High; NOTE 1
ƒ
≤ 200MHz
1.9
2.35
2.8
ns
tsk(o)
Output Skew; NOTE 2, 4
40
105
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
250
800
ps
t
R
Output Rise Time
20% to 80%
300
800
ps
t
F
Output Fall Time
20% to 80%
300
800
ps
odc
Output Duty Cycle
ƒ
≤ 133MHz
45
55
%
133MHz < ƒ
≤ 200MHz
40
60
%
Parameters measured at f
MAX unless otherwise noted.
NOTE 1: Measured from V
DD/2 of the input to VDDO/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at V
DDO/2.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load
conditions. Using the same type of inputs on each device, the outputs are measured at V
DDO/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com