Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8302AMILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 8302AMILF
Description  LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8302AMILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 8302AMILF Datasheet HTML 2Page - Renesas Technology Corp 8302AMILF Datasheet HTML 3Page - Renesas Technology Corp 8302AMILF Datasheet HTML 4Page - Renesas Technology Corp 8302AMILF Datasheet HTML 5Page - Renesas Technology Corp 8302AMILF Datasheet HTML 6Page - Renesas Technology Corp 8302AMILF Datasheet HTML 7Page - Renesas Technology Corp 8302AMILF Datasheet HTML 8Page - Renesas Technology Corp 8302AMILF Datasheet HTML 9Page - Renesas Technology Corp 8302AMILF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
8302I Data Sheet
©2016 Integrated Device Technology, Inc
Revision A March 4, 2016
6
TRANSISTOR COUNT
The transistor count for 8302I is: 322
TABLE 5.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD SOIC
θJA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
153.3°C/W
128.5°C/W
115.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
112.7°C/W
103.3°C/W
97.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
RELIABILITY INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com