Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8302AMILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 8302AMILF
Description  LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8302AMILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  8302AMILF Datasheet HTML 1Page - Renesas Technology Corp 8302AMILF Datasheet HTML 2Page - Renesas Technology Corp 8302AMILF Datasheet HTML 3Page - Renesas Technology Corp 8302AMILF Datasheet HTML 4Page - Renesas Technology Corp 8302AMILF Datasheet HTML 5Page - Renesas Technology Corp 8302AMILF Datasheet HTML 6Page - Renesas Technology Corp 8302AMILF Datasheet HTML 7Page - Renesas Technology Corp 8302AMILF Datasheet HTML 8Page - Renesas Technology Corp 8302AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LOW SKEW, 1-TO-2
LVCMOS / LVTTL FANOUT BUFFER
8302I
Data Sheet
©2016 Integrated Device Technology, Inc
Revision A March 4, 2016
1
GENERAL DESCRIPTION
The 8302I is a low skew, 1-to-2 LVCMOS Fanout Buffer. The
8302I has a single ended clock input. The single ended clock
input accepts LVCMOS or LVTTL input levels.The 8302I features
a pair of LVCMOS outputs. The 8302I is characterized at full
3.3V for input V
DD, and mixed 3.3V and 2.5V for output operating
supply modes (V
DDO). Guaranteedoutput and part-to-part skew
char acter istics mak e the 8302I ideal f or cloc k
distribution applications demanding well defined performance
and repeatibility.
FEATURES
• 2 LVCMOS / LVTTL outputs
• LVCMOS / LVTTL clock input accepts LVCMOS
or LVTTL input levels
• Maximum output frequency: 200MHz
• Output skew: 40ps (typical)
• Part-to-part skew: 250ps (typical)
• Small 8 lead SOIC package saves board space
• Full 3.3V or 3.3V core, 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant
BLOCK DIAGRAM
PIN ASSIGNMENT
8302I
8-Lead SOIC
3.8mm x 4.8mm, x 1.47mm package body
M Package
Top View
VDDO
VDD
CLK
GND
1
2
3
4
Q0
Q1
CLK
Q0
GND
VDDO
Q1
8
7
6
5


Similar Part No. - 8302AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01LF IDT-8302AMI-01LF Datasheet
247Kb / 8P
Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
logo
Renesas Technology Corp
8302AMI-01LF RENESAS-8302AMI-01LF Datasheet
511Kb / 9P
Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
May 4, 2017
More results

Similar Description - 8302AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01 Datasheet
694Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. A February 20, 2009
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com